Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQME3-M Datasheet(PDF) 3 Page - CUI INC

Part # PQME3-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQME3-M Datasheet(HTML) 3 Page - CUI INC

  PQME3-M Datasheet HTML 1Page - CUI INC PQME3-M Datasheet HTML 2Page - CUI INC PQME3-M Datasheet HTML 3Page - CUI INC PQME3-M Datasheet HTML 4Page - CUI INC PQME3-M Datasheet HTML 5Page - CUI INC PQME3-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 07/15/2021
│ page 3 of 6
CUI Inc
│ SERIES: PQME3-M │ DESCRIPTION: DC-DC CONVERTER
SAFETY AND COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
radiated emissions
CISPR22/EN55022, class B (external circuit required, see Figure 2-b)
ESD
IEC/EN61000-4-2, contact ± 4kV, class B
radiated immunity
IEC/EN61000-4-3, 10V/m, class A
EFT/burst
IEC/EN61000-4-4, ± 2kV, class B (external circuit required, see Figure 2-a)
surge
IEC/EN61000-4-5, line-line ± 2kV, class B (external circuit required, see Figure 2-a)
conducted immunity
IEC/EN61000-4-6, 3 Vr.m.s, class A
voltagedips&interruptions
IEC/EN61000-4-29, 0%-70%, class B
MTBF
as per MIL-HDBK-217F, 25°C
1,000,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature rise
Ta=25°C,atnominalinputvoltage,fullload
40
°C
vibration
10~55 Hz for 30 minutes on each axis
10
G
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflowsoldering
Maximum duration >217°C is 60 seconds.
For actual application, refer to IPC/JEDEC J-STD-020D.1
245
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
19.20 x 18.10 x 10.16 [0.756 x 0.713 x 0.400 inch]
mm
case material
blackflame-retardantheat-proofplastic
weight
3.5
g
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com