Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQME3-M Datasheet(PDF) 5 Page - CUI INC

Part # PQME3-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQME3-M Datasheet(HTML) 5 Page - CUI INC

  PQME3-M Datasheet HTML 1Page - CUI INC PQME3-M Datasheet HTML 2Page - CUI INC PQME3-M Datasheet HTML 3Page - CUI INC PQME3-M Datasheet HTML 4Page - CUI INC PQME3-M Datasheet HTML 5Page - CUI INC PQME3-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 07/15/2021
│ page 5 of 6
CUI Inc
│ SERIES: PQME3-M │ DESCRIPTION: DC-DC CONVERTER
APPLICATION CIRCUIT
Figure 1
Table 1
EMC RECOMMENDED CIRCUIT
Table 2
Figure 2
Recommended external circuit components
Vin (Vdc)
24
48
FUSE
choose according to actual input current
MOV
S20K30
S14K60
C0
680 µF / 50V
680 µF / 100V
C1, C2
4.7 µF / 50V
4.7 µF / 100V
C3
10 µF
LDM1
12 µH
CY1
1 nF / 2 kV
This series has been tested according to the following recommended circuit (Figure 1) before leaving the factory. If you
want to further reduce the input and output ripple, you can increase the input and output capacitors or select capacitors of
low equivalent impedance provided that the capacitance is less than the maximum capacitive load of the model.
Vin
(Vdc)
Cin
(μF)
Cout
(μF)
24
100
10
48
10~47
10
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com