Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQME3-M Datasheet(PDF) 1 Page - CUI INC

Part # PQME3-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQME3-M Datasheet(HTML) 1 Page - CUI INC

  PQME3-M Datasheet HTML 1Page - CUI INC PQME3-M Datasheet HTML 2Page - CUI INC PQME3-M Datasheet HTML 3Page - CUI INC PQME3-M Datasheet HTML 4Page - CUI INC PQME3-M Datasheet HTML 5Page - CUI INC PQME3-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 07/15/2021
page 1 of 6
SERIES: PQME3-M
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 3 W continuous power
• 14 pin SMT package
• 4:1 input range
• single regulated output
• -40 to +85°C temperature range
• efficiency up to 84%
• no load power consumption under 0.1 W
• EN 62368-1
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise3
efficiency4
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PQME3-D24-S3-M
24
9~36
3.3
0
728
2.4
120
75
PQME3-D24-S5-M1, 2
24
9~36
5
0
600
3
120
80
PQME3-D24-S9-M
24
9~36
9
0
333
3
120
80
PQME3-D24-S12-M1, 2
24
9~36
12
0
250
3
120
82
PQME3-D24-S15-M1, 2
24
9~36
15
0
200
3
120
83
PQME3-D24-S24-M1, 2
24
9~36
24
0
125
3
120
82
PQME3-D48-S3-M2
48
18~75
3.3
0
728
2.4
120
75
PQME3-D48-S5-M2
48
18~75
5
0
600
3
120
79
PQME3-D48-S12-M2
48
18~75
12
0
250
3
120
82
PQME3-D48-S15-M2
48
18~75
15
0
200
3
120
84
PQME3-D48-S24-M2
48
18~75
24
0
125
3
120
82
Notes:
1.ULcertified
2.CEcertified
3. From 5~100% load, nominal input, 20 MHz bandwidth oscilloscope, with 10 µF tantalum and 1 µF ceramic capacitors on the output. From 0~5% load, ripple and noise is
<5% Vo.
4. Measured at nominal input voltage, full load.
5.AllspecificationsaremeasuredatTa=25°C,humidity<75%,nominalinputvoltage,andratedoutputloadunlessotherwisespecified.
PART NUMBER KEY
Base Number
PQME3 - DXX - SXX - M - X
Input Voltage
Output Voltage
Package Options:
“blank”=Tube
TR=Tape&Reel
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PQME3-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQME3-M CUI-PQME3-M Datasheet
493Kb / 7P
DC-DC CONVERTER
More results

Similar Description - PQME3-M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com