Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L128-RNG1003500000 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L128-RNG1003500000
Description  The best performance, the most colors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L128-RNG1003500000 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L128-RNG1003500000 Datasheet HTML 1Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 2Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 3Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 4Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 5Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 6Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 7Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 8Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DS236 LLUXEON 2835 Color Line Product Datasheet 20210816 ©2021 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1a . Product performance of LUXEON 2835 Colors at 120mA and 200mA, T
j=25ºC .
color
domInant or
PeaK WaVelenGtH [1] (nm)
lumInous FluX [2] (lm) or
radIometrIc PoWer [3] (mW)
Part
numBer
mInImum
maXImum
mInImum
120ma tyPIcal
200ma tyPIcal
Far Red
720
740
85
98
160
L128-FRD1003500000
Deep Red
650
670
98
109
193
L128-DRD1003500000
Red
620
630
15
18
28
L128-RED1003500000
Red-Orange
610
620
19
25
38
L128-RNG1003500000
PC Red-Orange
-
-
21
24
36
L128-PCO1003500000
PC Amber
-
-
44
50
77
L128-PCA1003500000
Mint
-
-
69
77
120
L128-MNT1003500000
Lime
-
-
70
79
124
L128-LME1003500000
Green
520
540
40
47
61
L128-GRN1003500000
Cyan
490
510
21
30
41
L128-CYN1003500000
Blue
469
480
13
16
24
L128-BLU1003500000
Royal Blue
440
455
185
210
327
L128-RYL1003500000
Notes for Table 1a:
1. Lumileds maintains a tolerance of ±1nm on dominant wavelength measurements. PC Amber, PC Red-Orange, Mint and Lime are binned by chromaticity coordinates. Far Red, Deep Red and
Royal Blue are binned by peak wavelength. All other colors are binned by dominant wavelength.
2. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.
3. Far Red, Deep Red and Royal Blue are binned by radiometric power. All other colors are binned by luminous flux.
Table 1b . Product performance of LUXEON 2835 White at 120mA,T
j=25ºC .
color
nomInal
cct
mInImum
crI [1]
lumInous FluX [1] (lm)
tyPIcal
lumInous
eFFIcacy (lm/W)
Part
numBer
mInImum
tyPIcal
White
5700K
70
58
66
193
L128-5770003500000
3000K
80
54
61
178
L128-3080003500000
4000K
80
56
64
187
L128-4080003500000
Notes for Table 1b:
1. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com