Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L128-RNG1003500000 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # L128-RNG1003500000
Description  The best performance, the most colors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L128-RNG1003500000 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button L128-RNG1003500000 Datasheet HTML 3Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 4Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 5Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 6Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 7Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 8Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 9Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 10Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS236 LLUXEON 2835 Color Line Product Datasheet 20210816 ©2021 Lumileds Holding B.V. All rights reserved.
6
Characteristic Curves
Spectral Power Distribution Characteristics
Figure 1a. Typical normalized power vs. wavelength for LUXEON 2835 Colors at 120mA, T
j=25°C .
Figure 1b. Typical normalized power vs. wavelength for LUXEON 2835 White at 120mA, T
j=25°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com