Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L128-RNG1003500000 Datasheet(PDF) 16 Page - Lumileds Lighting Company

Part # L128-RNG1003500000
Description  The best performance, the most colors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L128-RNG1003500000 Datasheet(HTML) 16 Page - Lumileds Lighting Company

Back Button L128-RNG1003500000 Datasheet HTML 12Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 13Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 14Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 15Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 16Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 17Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 18Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 19Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 20Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DS236 LLUXEON 2835 Color Line Product Datasheet 20210816 ©2021 Lumileds Holding B.V. All rights reserved.
15
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for LUXEON 2835 Color Line emitters. Although several bins are outlined, product
availability in a particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON 2835 Color Line at T
j=25°C .
BIn
lumInous FluX [1] (lm)
mInImum
maXImum
D
13
15
E
15
17
F
17
19
G
19
21
H
21
24
J
24
28
K
28
32
L
32
36
M
36
40
N
40
44
P
44
48
Q
48
52
R
52
56
S
56
60
T
60
65
U
65
70
V
70
75
W
75
80
X
80
85
Y
85
90
Notes for Table 5:
1. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.
Radiometric Power Bins
Table 6. Radiometric power bin definitions for LUXEON 2835 Far Red, Deep Red and Royal Blue.
BIn
radIometrIc PoWer [1] (mW)
mInImum
maXImum
A
70
80
B
80
90
C
90
100
D
100
110
E
110
120
F
120
130
G
130
150
H
150
170
J
170
190
K
190
210
L
210
230
M
230
250
Notes for Table 6:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com