Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L128-RNG1003500000 Datasheet(PDF) 20 Page - Lumileds Lighting Company

Part # L128-RNG1003500000
Description  The best performance, the most colors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L128-RNG1003500000 Datasheet(HTML) 20 Page - Lumileds Lighting Company

Back Button L128-RNG1003500000 Datasheet HTML 16Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 17Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 18Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 19Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 20Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 21Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 22Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 23Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 24Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
DS236 LLUXEON 2835 Color Line Product Datasheet 20210816 ©2021 Lumileds Holding B.V. All rights reserved.
19
Table 8b. 3- and 5-step MacAdam ellipse color bin definitions for LUXEON 2835E and LUXEON 2835C 4000K, at test and binning conditions.
nomInal cct
color sPace
center PoInt [1]
(cx, cy)
maJor aXIs,
a
mInor aXIs,
b
ellIPse rotatIon
Angle, Θ
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.72°
4000K
Single 5-step MacAdam ellipse
(0.3818, 0.3797)
0.01565
0.00670
53.72°
Notes for Table 8b:
1. Lumileds maintains a tolerance of ±0.007 on x and y color coordinates in the CIE 1931 color space.
Figure 11b . 1/9th color bin structure for LUXEON 2835E and LUXEON 2835C 4000K
at test current and binning temperature of T
j=25°C .
0.340
0.350
0.360
0.370
0.380
0.390
0.400
0.410
0.420
0.360 0.365 0.370 0.375 0.380 0.385 0.390 0.395 0.400 0.405 0.410
CIE 1931 x
3750K
4250K
5K
5L
5E
5D
5M
5J
5F
5H
5G
Table 8c. 3- and 5-step MacAdam ellipse color bin definitions for LUXEON 2835E and LUXEON 2835C 5700K, at test and binning conditions.
nomInal cct
color sPace
center PoInt [1]
(cx, cy)
maJor aXIs,
a
mInor aXIs,
b
ellIPse rotatIon
Angle, Θ
5700K
Single 3-step MacAdam ellipse
(0.3287, 0.3417)
0.00746
0.00320
59.09°
5700K
Single 5-step MacAdam ellipse
(0.3287, 0.3417)
0.01243
0.00533
59.09°
Notes for Table 8c:
1. Lumileds maintains a tolerance of ±0.007 on x and y color coordinates in the CIE 1931 color space.
Figure 11c . 1/9th color bin structure for LUXEON 2835E and LUXEON 2835C 5700K
at test current and binning temperature of T
j=25°C .
0.310
0.320
0.330
0.340
0.350
0.360
0.370
0.310
0.315
0.320
0.325
0.330
0.335
0.340
0.345
0.350
y
x
6000K
2E
2L
2F
2D
2J
2M
5250K
2K
2H
2G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com