Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L128-RNG1003500000 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # L128-RNG1003500000
Description  The best performance, the most colors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L128-RNG1003500000 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button L128-RNG1003500000 Datasheet HTML 2Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 3Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 4Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 5Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 6Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 7Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 8Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 9Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS236 LLUXEON 2835 Color Line Product Datasheet 20210816 ©2021 Lumileds Holding B.V. All rights reserved.
5
Electrical and Thermal Characteristics
Table 3 . Electrical and thermal characteristics for LUXEON 2835 Color Line at 120mA, T
j=25ºC .
color
Part numBer
ForWard VoltaGe [1] (V
f)
tyPIcal temPerature
coeFFIcIent oF ForWard
VoltaGe [2] (mV/°c)
tyPIcal tHermal
resIstance — JunctIon
to solder Pad (°c/W)
mInImum
tyPIcal maXImum
Far Red
L128-FRD1003500000
1.80
2.15
2.50
-2.0
15
Deep Red
L128-DRD1003500000
1.80
2.15
2.50
-2.0
15
Red
L128-RED1003500000
1.80
2.10
2.50
-2.0
15
Red-Orange
L128-RNG1003500000
1.80
2.10
2.50
-1.7
15
PC Red-Orange
L128-PCO1003500000
2.80
3.00
3.10
-1.7
25
PC Amber
L128-PCA1003500000
2.80
3.00
3.10
-1.7
25
Mint
L128-MNT1003500000
2.80
3.00
3.10
-2.5
25
Lime
L128-LME1003500000
2.80
3.00
3.10
-1.7
25
Green
L128-GRN1003500000
2.80
3.15
3.30
-3.0
69
Cyan
L128-CYN1003500000
2.80
3.10
3.30
-2.5
50
Blue
L128-BLU1003500000
2.80
3.00
3.20
-2.5
25
Royal Blue
L128-RYL1003500000
2.80
3.00
3.20
-2.5
25
White
L128-xxxx003500000
2.70
2.85
3.00
-1.0 to -2.0
13
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.1V on forward voltage measurements.
2. Measured between 25°C and 85°C.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON 2835 Color Line .
Parameter
Far red
deeP red, red
and red-oranGe
Pc red-oranGe,
Pc amBer, mInt, lIme,
Green, cyan, Blue
and royal Blue
WHIte
DC Forward Current [1, 2]
300mA
250mA
240mA
480mA
Peak Pulsed Forward Current [1, 3 ]
350mA
300mA
300mA
500mA
LED Junction Temperature [1] (DC & Pulse)
125°C
125°C
125°C
125°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 2
Class 2
Class 2
Class 2
Operating Case Temperature [1]
105°C
105°C
105°C
105°C
LED Storage Temperature
-40°C to 105°C
-40°C to 105°C
-40°C to 95°C
-40°C to 105°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed the maximum peak pulsed forward current
3. At 10% duty cycle with pulse width of 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com