Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 6 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM263X Datasheet HTML 2Page - Texas Instruments AM263X Datasheet HTML 3Page - Texas Instruments AM263X Datasheet HTML 4Page - Texas Instruments AM263X Datasheet HTML 5Page - Texas Instruments AM263X Datasheet HTML 6Page - Texas Instruments AM263X Datasheet HTML 7Page - Texas Instruments AM263X Datasheet HTML 8Page - Texas Instruments AM263X Datasheet HTML 9Page - Texas Instruments AM263X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Table 5-1. Device Comparison
FEATURES
REFERENCE
NAME
AM2634
AM2632
AM2631
JTAG Device ID
TBD
TBD
TBD
PROCESSORS AND ACCELERATORS
Speed Grade
See Section 7.5, Speed And Memory Grade
Arm Cortex-R5F
Arm R5F
2 x Dual Core with
Lockstep
1 x Dual Core with
Lockstep
Single Core
Hardware Security Module
Security
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM)
OCSRAM
See Section 7.5, Speed And Memory Grade
R5F Tightly Coupled Memory (TCM)
TCM
256KB
General-Purpose Memory Controller
GPMC
4MB with 16b ECC
PERIPHERALS
Modular Controller Area Network Interface
MCAN
4
Full CAN-FD Support(3)
MCAN
4-Optional
4-Optional
—
General-Purpose I/O
GPIO
Up to 140
Serial Peripheral Interface
SPI
5
Universal Asynchronous Receiver and Trasmitter UART
6
Local Interconnect Network
LIN
5
Inter-Integrated Circuit Interface
I2C
4
Analog-to-Digital Converter
ADC
3(1) or 5(2)
3(1) or 5(2)
3
Comparator Modules
CMPSS
9(1) or 20(2)
9(1) or 20(2)
9
Digital-to-Analog Converter
DAC
1
Programmable Real-Time Unit Subsystem(4)
PRU_ICSS
0 or 1
0 or 1
—
Industrial Communication Subsystem Support(5)
PRU_ICSS
Optional
Optional
—
Gigabit Ethernet Interface
CPSW3G
Yes (2-port)
Multi-Media Card/Secure Digital Interface
MMCSD
1
Enhanced High-Resolution Pulse-Width
Modulator Module
EHRPWM
16(1) or 32(2)
16(1) or 32(2)
16
Enhanced Capture Module
ECAP
10
Enhanced Quadrature Encoder Pulse Module
EQEP
2(1) or 3(2)
2(1) or 3(2)
2
Sigma Delta Filter Module
SDFM
1(1) or 2(2)
1(1) or 2(2)
1
Fast Serial Interface
FSI_RX
4
FSI_TX
4
QSPI
Flash I/F
1
Miscellaneous
Junction Temperature
Extended Industrial
–40°C to 105°C
Extended Automotive
–40°C to 150°C
—
Automotive Qualification
AEC-Q100(6) Option
—
(1)
Standard Analog configuration contains 3x ADCs, 16x EHRPWM, 2x EQEP, 1x SDFM, 9x CMPSS
(2)
Enhanced Analog configuration contains 5x ADC, 32x EHRPWM, 3x EQEP, 2x SDFM, 20x CMPSS
(3)
Full CAN-FD support is available when selecting an orderable part number that includes a feature code of E, F, L, or M. Refer to the
Nomenclature Description table for definition of feature codes.
(4)
Programmable Real-Time Unit Subsystem is available when selecting an orderable part number that includes a feature code of D, E, F,
K, L, or M. Refer to the Nomenclature Description table for definition of feature codes.
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com