Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 19 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM263X Datasheet HTML 15Page - Texas Instruments AM263X Datasheet HTML 16Page - Texas Instruments AM263X Datasheet HTML 17Page - Texas Instruments AM263X Datasheet HTML 18Page - Texas Instruments AM263X Datasheet HTML 19Page - Texas Instruments AM263X Datasheet HTML 20Page - Texas Instruments AM263X Datasheet HTML 21Page - Texas Instruments AM263X Datasheet HTML 22Page - Texas Instruments AM263X Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 140 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
IO
VOLTAGE [6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
B8
LIN2_RXD
LIN2_RXD_CFG_REG
0x5310 0054
0x0000 05F7
LIN2_RXD
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_RXD
1
I
SPI2_D0
2
IO
GPIO21
7
IO
A8
LIN2_TXD
LIN2_TXD_CFG_REG
0x5310 0058
0x0000 05F7
LIN2_TXD
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_TXD
1
O
SPI2_D1
2
IO
GPIO22
7
IO
M1
MCAN0_RX
MCAN0_RX_CFG_REG
0x5310 001C
0x0000 05F7
MCAN0_RX
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CS0
1
IO
GPIO7
7
IO
L1
MCAN0_TX
MCAN0_TX_CFG_REG
0x5310 0020
0x0000 05F7
MCAN0_TX
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CLK
1
IO
GPIO8
7
IO
L2
MCAN1_RX
MCAN1_RX_CFG_REG
0x5310 0024
0x0000 05F7
MCAN1_RX
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_D0
1
IO
GPIO9
7
IO
K1
MCAN1_TX
MCAN1_TX_CFG_REG
0x5310 0028
0x0000 05F7
MCAN1_TX
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_D1
1
IO
GPIO10
7
IO
A12
MCAN2_RX
MCAN2_RX_CFG_REG
0x5310 0224
0x0000 05F7
MCAN2_RX
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_RTSn
1
O
GPIO137
7
IO
EQEP2_I
8
IO
SDFM1_D3
9
I
B12
MCAN2_TX
MCAN2_TX_CFG_REG
0x5310 0220
0x0000 05F7
MCAN2_TX
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RTSn
1
O
GPIO136
7
IO
EQEP2_S
8
IO
SDFM1_D2
9
I
M17
MDIO0_MDC
MDIO0_MDC_CFG_REG
0x5310 00A8
0x0000 05F7
MDIO0_MDC
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO42
7
IO
N16
MDIO0_MDIO
MDIO0_MDIO_CFG_REG
0x5310 00A4
0x0000 05F7
MDIO0_MDIO
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO41
7
IO
www.ti.com
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com