Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 23 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 23 Page - Texas Instruments

Back Button AM263X Datasheet HTML 19Page - Texas Instruments AM263X Datasheet HTML 20Page - Texas Instruments AM263X Datasheet HTML 21Page - Texas Instruments AM263X Datasheet HTML 22Page - Texas Instruments AM263X Datasheet HTML 23Page - Texas Instruments AM263X Datasheet HTML 24Page - Texas Instruments AM263X Datasheet HTML 25Page - Texas Instruments AM263X Datasheet HTML 26Page - Texas Instruments AM263X Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
IO
VOLTAGE [6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
K15
PR0_PRU0_GPIO6
PR0_PRU0_GPIO6_CFG_REG
0x5310 016C
0x0000 05F7
PR0_PRU0_GPIO6
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_REF_CLK
2
IO
RGMII2_RXC
3
I
MII2_RXCLK
4
I
EPWM24_A
5
O
GPMC0_CSn1
6
O
GPIO91
7
IO
G15
PR0_PRU0_GPIO8
PR0_PRU0_GPIO8_CFG_REG
0x5310 0168
0x0000 05F7
PR0_PRU0_GPIO8
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
EPWM23_B
5
O
GPMC0_WPn
6
O
GPIO90
7
IO
F17
PR0_PRU0_GPIO9
PR0_PRU0_GPIO9_CFG_REG
0x5310 0160
0x0000 05F7
PR0_PRU0_GPIO9
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
PR0_UART0_CTSn
3
I
MII2_COL
4
I
EPWM22_B
5
O
GPMC0_CLK
6
IO
GPIO88
7
IO
G18
PR0_PRU0_GPIO10
PR0_PRU0_GPIO10_CFG_REG
0x5310 0164
0x0000 05F7
PR0_PRU0_GPIO10
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_CRS_DV
2
I
PR0_UART0_RTSn
3
O
MII2_CRS
4
I
EPWM23_A
5
O
GPMC0_WAIT0
6
I
GPIO89
7
IO
M16
PR0_PRU0_GPIO11
PR0_PRU0_GPIO11_CFG_REG
0x5310 018C
0x0000 05F7
PR0_PRU0_GPIO11
0
IO
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_TXD0
2
O
RGMII2_TD0
3
O
MII2_TXD0
4
O
EPWM28_A
5
O
GPMC0_A7
6
O
GPIO99
7
IO
www.ti.com
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com