Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 2 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 2 Page - Texas Instruments

  AM263X Datasheet HTML 1Page - Texas Instruments AM263X Datasheet HTML 2Page - Texas Instruments AM263X Datasheet HTML 3Page - Texas Instruments AM263X Datasheet HTML 4Page - Texas Instruments AM263X Datasheet HTML 5Page - Texas Instruments AM263X Datasheet HTML 6Page - Texas Instruments AM263X Datasheet HTML 7Page - Texas Instruments AM263X Datasheet HTML 8Page - Texas Instruments AM263X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
Security:
• Hardware Security Module (HSM) with support for
Auto SHE 1.1/EVITA
• Secure boot support
– Device Take Over Protection
– Hardware-enforced root-of-trust
– Authenticated boot
– S/W Anti-rollback Protection
• Debug security
– Debug of HS device allowed only with proper
authentication
– Provision to disable debug
• Device ID and Key Management
– Support for OTP Memory (FUSEROM) to store
Root Keys & other security enabling fields
– Separate EFUSE controllers and FUSE ROMs
– Unique Device Public IDs
• Memory Protection Units (MPU)
– Arm® MPU present inside each Cortex®-R5F
core
– System MPU – present at various interfaces in
the SoC (can be a firewall or MPU)
• 8-16 Regions
• Programmable (Privilege ID, Read/Write/
Cachable, Start/End Address, Enable,
Secure/Non Secure)
• Cryptographic acceleration
– Supports cryptographic cores
• AES - 128/192/256 bits key sizes
• SHA2 - 256/384/512 bit support
• DRBG with Pseudo and True Random
number generator
• PKA (public key accelerator) to assist in
RSA/ECC processing
– DMA support
High-Speed Interfaces:
• Integrated Ethernet switch supporting two external
ports
– RMII(10/100) or RGMII (10/100/1000)
– IEEE1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority based flow control
– Packet size up to 2KB
– Four CPU H/W interrupt Pacing
– IP/UDP/TCP checksum offload in hardware
Connectivity:
• 6x Universal Asynchronous Receiver-Transmitters
(UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 5x Local Interconnect Network (LIN) ports
• 4x Inter-Integrated Circuit (I2C) ports
• 4x Modular Controller Area Network (MCAN)
modules with CAN-FD support
• 1x Quad Serial Peripheral Interface (QSPI)
• Fast Serial Interface (FSI) with 4x receiver cores
and 4x transmitter cores
• Up to 140 General-Purpose I/O (GPIO) pins
Media and Data Storage:
• 1x Multi-Media Card/Secure Digital (MMC/SD) 4-
bit interface
• General-Purpose Memory Controller (GPMC)
– 16-bit parallel data bus
– 22-bit address bus
– Up to 4MB addressable memory space
– Integrated Error Location Module (ELM)
support for error checking
Technology / Package:
• 45-nm technology
• 15mm x 15mm, 0.8-mm pitch, 324-pin NFBGA
2 Applications
• Single & Multi Axis Servo Drives
• AC Inverter & VF Drives
• Solar Energy
• EV Charging
• Renewable Energy Storage
• Traction Inverters
• Onboard Chargers
• DC-DC Converters
• Battery Management Systems
• Combo Box Architectures
• IO Aggregators
• Domain Controllers
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com