Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 29 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM263X Datasheet HTML 25Page - Texas Instruments AM263X Datasheet HTML 26Page - Texas Instruments AM263X Datasheet HTML 27Page - Texas Instruments AM263X Datasheet HTML 28Page - Texas Instruments AM263X Datasheet HTML 29Page - Texas Instruments AM263X Datasheet HTML 30Page - Texas Instruments AM263X Datasheet HTML 31Page - Texas Instruments AM263X Datasheet HTML 32Page - Texas Instruments AM263X Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
IO
VOLTAGE [6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
M18
RGMII1_TX_CTL
RGMII1_TX_CTL_CFG_REG
0x5310 0090
0x0000 05F7
RGMII1_TX_CTL
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_TX_EN
1
O
MII1_TX_EN
2
O
FSITX1_DATA0
6
O
GPIO36
7
IO
EQEP0_S
8
IO
U17
RGMII1_RD0
RGMII1_RD0_CFG_REG
0x5310 007C
0x0000 05F7
RGMII1_RD0
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_RXD0
1
I
MII1_RXD0
2
I
FSITX0_DATA1
6
O
GPIO31
7
IO
EQEP2_S
8
IO
T17
RGMII1_RD1
RGMII1_RD1_CFG_REG
0x5310 0080
0x0000 05F7
RGMII1_RD1
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_RXD1
1
I
MII1_RXD1
2
I
FSIRX0_CLK
6
I
GPIO32
7
IO
EQEP2_I
8
IO
U18
RGMII1_RD2
RGMII1_RD2_CFG_REG
0x5310 0084
0x0000 05F7
RGMII1_RD2
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_RXD2
2
I
FSIRX0_DATA0
6
I
GPIO33
7
IO
EQEP0_A
8
I
T18
RGMII1_RD3
RGMII1_RD3_CFG_REG
0x5310 0088
0x0000 05F7
RGMII1_RD3
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_RXD3
2
I
FSIRX0_DATA1
6
I
GPIO34
7
IO
EQEP0_B
8
I
P16
RGMII1_TD0
RGMII1_TD0_CFG_REG
0x5310 0094
0x0000 05F7
RGMII1_TD0
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_TXD0
1
O
MII1_TXD0
2
O
FSITX1_DATA1
6
O
GPIO37
7
IO
EQEP1_A
8
I
www.ti.com
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com