Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5603CFMLH4R Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPC5603CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 29Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 30Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 31Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 32Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 33Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 34Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 35Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 36Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
33
2.12
Absolute maximum ratings
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of this specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not
exceed the recommended values.
Table 11. Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
SR Voltage on VDD_HV pins with respect to
ground (VSS)
—
−0.3
6.0
V
VSS_LV
SR Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground
(VSS)
—VSS−0.1 VSS+0.1
V
VDD_BV SR Voltage on VDD_BV pin (regulator
supply) with respect to ground (VSS)
—
−0.3
6.0
V
Relative to VDD
−0.3
VDD+0.3
VSS_ADC SR Voltage on VSS_HV_ADC (ADC
reference) pin with respect to ground
(VSS)
—VSS−0.1 VSS+0.1
V
VDD_ADC SR Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—
−0.3
6.0
V
Relative to VDD
VDD −0.3 VDD+0.3
VIN
SR Voltage on any GPIO pin with respect to
ground (VSS)
—
−0.3
6.0
V
Relative to VDD
—VDD+0.3
IINJPAD
SR Injected input current on any pin during
overload condition
—
−10
10
mA
IINJSUM SR Absolute sum of all injected input
currents during overload condition
—
−50
50
IAVGSEG SR Sum of all the static I/O current within a
supply segment
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
70
mA
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
64
ICORELV SR Low voltage static current sink through
VDD_BV
——
150
mA
TSTORAGE SR Storage temperature
—
−55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com