Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5603CFMLH4R Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC5603CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 8Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 9Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 10Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 11Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 12Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 13Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 14Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 15Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
12
•
Main oscillator pads (EXTAL, XTAL) are tristate.
•
Nexus output pads (MDO[n], MCKO, EVTO, MSEO) are forced to output.
2.3
Voltage supply pins
Voltage supply pins are used to provide power to the device. Three dedicated VDD_LV/VSS_LV supply
pairs are used for 1.2 V regulator stabilization.
2.4
Pad types
In the device the following types of pads are available for system pins and functional port pins:
S = Slow1
M = Medium1 2
F = Fast1 2
Table 3. Voltage supply pin descriptions
Port pin
Function
Pin number
64 LQFP1
1 Pin numbers apply to both the MPC560xB and MPC560xC packages.
100 LQFP
144 LQFP
208
MAPBGA2
2 208 MAPBGA available only as development package for Nexus2+
VDD_HV
Digital supply voltage
7, 28, 56
15, 37, 70, 84 19, 51, 100,
123
C2, D9, E16,
G13, H3, N9,
R5
VSS_HV
Digital ground
6, 8, 26, 55
14, 16, 35,
69, 83
18, 20, 49,
99, 122
G7, G8, G9,
G10, H1, H7,
H8, H9, H10,
J7, J8, J9,
J10, K7, K8,
K9, K10
VDD_LV
1.2V decoupling pins. Decoupling
capacitor must be connected between
these pins and the nearest VSS_LV pin.
3
3 A decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable
voltage (see the recommended operating conditions in the device datasheet for details).
11, 23, 57
19, 32, 85
23, 46, 124
D8, K4, P7
VSS_LV
1.2V decoupling pins. Decoupling
capacitor must be connected between
these pins and the nearest VDD_LV pin.
3
10, 24, 58
18, 33, 86
22, 47, 125
C8, J2, N7
VDD_BV
Internal regulator supply voltage
12
20
24
K3
VSS_HV_ADC Reference ground and analog ground for
the ADC
33
51
73
R15
VDD_HV_ADC Reference voltage and analog supply for
the ADC
34
52
74
P14
1. See the I/O pad electrical characteristics in the device datasheet for details.
2. All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium (see PCR.SRC
in section Pad Configuration Registers (PCR0–PCR122) in the device reference manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com