Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5603CFMLH4R Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC5603CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 75Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 76Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 77Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 78Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 79Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 80Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 81Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 82Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
79
2.27
On-chip peripherals
2.27.1
Current consumption
Table 45. On-chip peripherals current consumption1
1 Operating conditions: T
A = 25 °C, fperiph = 8 MHz to 64 MHz
Symbol
C
Parameter
Conditions
Typical value2
2 f
periph is an absolute value.
Unit
IDD_BV(CAN)
CC T CAN (FlexCAN) supply
current on VDD_BV
Bitrate:
500 Kbyte/s
Total (static + dynamic)
consumption:
• FlexCAN in loop-back
mode
• XTAL@8MHz used as
CAN engine clock source
• Message sending period is
580 µs
8 * fperiph + 85
µA
Bitrate:
125 Kbyte/s
8 * fperiph + 27
IDD_BV(eMIOS)
CC T eMIOS supply current on
VDD_BV
Static consumption:
• eMIOS channel OFF
• Global prescaler enabled
29 * fperiph
µA
Dynamic consumption:
• It does not change varying the frequency
(0.003 mA)
3
IDD_BV(SCI)
CC T SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
• LIN mode
• Baudrate: 20 Kbyte/s
5 * fperiph + 31
µA
IDD_BV(SPI)
CC T SPI (DSPI) supply current
on VDD_BV
Ballast static consumption (only clocked)
1
µA
Ballast dynamic consumption (continuous
communication):
• Baudrate: 2 Mbit/s
• Transmission every 8 µs
• Frame: 16 bits
16 * fperiph
IDD_BV(ADC)
CC T ADC supply current on
VDD_BV
VDD = 5.5 V Ballast static consumption
(no conversion)
41 * fperiph
µA
Ballast dynamic consumption
(continuous conversion)3
3 During the conversion, the total current consumption is given from the sum of the static and dynamic consumption, i.e.,
(41 + 5) * fperiph.
5 * fperiph
IDD_HV_ADC(ADC) CC T ADC supply current on
VDD_HV_ADC
VDD = 5.5 V Analog static consumption
(no conversion)
2 * fperiph
µA
Analog dynamic consumption
(continuous conversion)
75 * fperiph + 32
IDD_HV(FLASH)
CC T Code Flash + Data Flash
supply current on VDD_HV
VDD = 5.5 V
—
8.21
mA
IDD_HV(PLL)
CC T PLL supply current on
VDD_HV
VDD =5.5 V
—
30 * fperiph
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com