Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5603CFMLH4R Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MPC5603CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 51Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 52Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 53Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 54Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 55Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 56Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 57Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 58Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
55
The
|ΔVDD(STDBY)| and dVDD(STDBY)/dt system requirement can be used to define the component used
for the VDD supply generation. The following two examples describe how to calculate capacitance size:
Example 1. No regulator (worst case)
The
|ΔVDD(STDBY)| parameter can be seen as the VDD voltage drop through the ESR resistance of the
regulator stability capacitor when the IDD_BV current required to load VDD_LV domain during the standby
exit. It is thus possible to define the maximum equivalent resistance ESRSTDBY(MAX) of the total
capacitance on the VDD supply:
ESRSTDBY(MAX) = |ΔVDD(STDBY)|/IDD_BV = (30 mV)/(300 mA) = 0.1Ω 1
The dVDD(STDBY)/dt parameter can be seen as the VDD voltage drop at the capacitance pin (excluding
ESR drop) while providing the IDD_BV supply required to load VDD_LV domain during the standby exit. It
is thus possible to define the minimum equivalent capacitance CSTDBY(MIN) of the total capacitance on
the VDD supply:
CSTDBY(MIN) = IDD_BV/dVDD(STDBY)/dt = (300 mA)/(15 mV/µs) = 20 µF
This configuration is a worst case, with the assumption no regulator is available.
IULPREG
SR — Ultra low power regulator current
provided to VDD_LV domain
——
—
5
mA
IULPREGINT
CC D Ultra low power regulator module
current consumption
IULPREG = 5 mA;
TA = 55 °C
——
100
µA
IULPREG = 0 mA;
TA = 55 °C
—
2—
IDD_BV
CC D In-rush average current on VDD_BV
during power-up5
——
—
3006
mA
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 This capacitance value is driven by the constraints of the external voltage regulator supplying the V
DD_BV voltage.
A typical value is in the range of 470 nF.
3 This value is acceptable to guarantee operation from 4.5 V to 5.5 V
4 External regulator and capacitance circuitry must be capable of providing I
DD_BV while maintaining supply VDD_BV
in operating range.
5 In-rush average current is seen only for short time (maximum 20 µs) during power-up and on standby exit. It is
dependant on the sum of the CREGn capacitances.
6 The duration of the in-rush current depends on the capacitance placed on LV pins. BV decoupling capacitors must
be sized accordingly. Refer to IMREG value for minimum amount of current to be provided in cc.
1. Based on typical time for standby exit sequence of 20 µs, ESR(MIN) can actually be considered at ~50 kHz.
Table 25. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com