Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5603CFMLH4R Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPC5603CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 57Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 58Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 59Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 60Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 61Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 62Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 63Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 64Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
61
2.19.3
Start-up/Switch-off timings
2.20
Electromagnetic compatibility (EMC) characteristics
Susceptibility tests are performed on a sample basis during product characterization.
IFMOD
2
CC D Sum of the current consumption on
VDD_HV and VDD_BV on matrix
modification (program/erase)
Program/Erase ongoing while
reading code flash memory
registers fCPU =64 MHz
3
—15
33
mA
Program/Erase ongoing while
reading data flash memory
registers fCPU =64 MHz
3
—15
33
IFLPW CC D Sum of the current consumption on
VDD_HV and VDD_BV
During code flash memory
low-power mode
——
900
µA
During data flash memory
low-power mode
——
900
IFPWD CC D Sum of the current consumption on
VDD_HV and VDD_BV
During code flash memory
power-down mode
——
150
µA
During data flash memory
power-down mode
——
150
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 This value is only relative to the actual duration of the read cycle
3 f
CPU 64 MHz can be achieved only at up to 105 °C
Table 32. Start-up time/Switch-off time
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
TFLARSTEXIT CC T Delay for Flash module to exit reset mode
Code Flash
—
—
125
µs
T
Data Flash
—
—
125
TFLALPEXIT
CC T Delay for Flash module to exit low-power
mode
Code Flash
—
—
0.5
T
Data Flash
—
—
0.5
TFLAPDEXIT
CC T Delay for Flash module to exit power-down
mode
Code Flash
—
—
30
T
Data Flash
—
—
30
TFLALPENTRY CC T Delay for Flash module to enter low-power
mode
Code Flash
—
—
0.5
T
Data Flash
—
—
0.5
TFLAPDENTRY CC T Delay for Flash module to enter power-down
mode
Code Flash
—
—
1.5
T
Data Flash
—
—
1.5
Table 31. Flash memory power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com