Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5603CFMLH4R Datasheet(PDF) 104 Page - NXP Semiconductors

Part # MPC5603CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 100Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 101Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 102Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 103Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 104Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 105Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 106Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 107Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Document revision history
NXP Semiconductors
104
7
05-Jul-2010
Added 64 LQFP package information
Updated the “Features” section.
Figures “LQFP 100-pin configuration” and “LQFP 100-pin configuration”: removed
alternate function information
Added “Functional port pin descriptions” table
Added eDMA block in the “MPC5604B/C series block diagram” figure
Deleted the “NVUSRO[WATCHDOG_EN] field description” section
In the “Recommended operating conditions (3.3 V)” and “Recommended operating
conditions (5.0 V)” tables, deleted the conditions of TA C-Grade Part, TA V-Grade Part, TA M-Grade
Part
In the “LQFP thermal characteristics” table, rounded the values.
In the “RESET electrical characteristics” section, replaced “nRSTIN” with “RESET”.
In the “I/O input DC electrical characteristics” table:
•WFI: inserted a footnote
•WNFI: inserted a footnote
In the “Low voltage monitor electrical characteristics” table:
• changed min value VLVDHV3L, from 2.7 to 2.6
• Inserted max value of VLVDLVCORL
In the “FMPLL electrical characteristics” table, rounded the values of fVCO.
In the “DSPI characteristics” table:
• Added
ΔtASC row
• Update values of tA
In the “ADC conversion characteristics” table, added “IADCPWD” and “IADCRUN” rows
Removed “Orderable part number summary” table.
8
25-Nov-2010 Editorial changes and improvements.
In the “MPC5604B/C device comparison” table, changed the temperature value from 105
to 125 °C, in the footnote regarding “Execution speed”.
In the “Recommended operating conditions (3.3 V)” and “Recommended operating
conditions (5.0 V)” tables, restored the conditions of TA C-Grade Part, TA V-Grade Part, TA
M-Grade Part
In the “LQFP thermal characteristics” table, added values concerning 64 LQFP package.
In the “MEDIUM configuration output buffer electrical characteristics” table: fixed a typo in
last row of conditions column, there was IOH that now is IOL.
In the “Reset electrical characteristics” table, changed the parameter classification tag for
VOL and |IWPU|.
In the “Low voltage monitor electrical characteristics” table, changed the max value of
VLVDLVCORL from 1.5V to 1.15V.
In the “Program and erase specifications” table, replaced “Teslat” with “Tesus”.
In the “FMPLL electrical characteristics” table, changed the parameter classification tag
for fVCO.
Table 49. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com