| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 242 page ![]() 6.3 Signal Descriptions Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options. The following list describes the column headers: 1. SIGNAL NAME: The name of the signal passing through the pin. Note Signal names and descriptions provided in each Signal Descriptions table, represent the pin multiplexed signal function which is implemented at the pin and selected via PADCONFIG registers. Device subsystems may provide secondary multiplexing of signal functions, which are not described in these tables. For more information on secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM. 2. PIN TYPE: Signal direction and type: Signal Type Description I Input O Output IO Input, Output, or simultaneously Input and Output IOD Input, Output, or simultaneously Input and Output, with open-drain output function IOZ Input, Output, or simultaneously Input and Output, with three-state output function OZ Output with three-state output function A Analog PWR Power GND Ground CAP LDO Capacitor 3. DESCRIPTION: Description of the signal 4. BALL: Ball number(s) associated with signal For more information on the I/O cell configurations, see the Pad Configuration Registers section within the Device Configuration chapter of the device TRM. www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |