| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 82 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 82 Page - Texas Instruments |
|
82 / 242 page ![]() Table 6-64. PRU_ICSSG0 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] PRG0_ECAP0_SYNC_OUT O PRU_ICSSG0 ECAP Sync Output AA4, V5 T1, T3 PRG0_IEP0_EDIO_OUTVALID O PRU_ICSSG0 Industrial Ethernet (IEP0) Digital I/O Outvalid C13 B7 PRG0_IEP0_EDC_LATCH_IN0 I PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock Latch Input 0 V1 K4 PRG0_IEP0_EDC_LATCH_IN1 I PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock Latch Input 1 T1 E2 PRG0_IEP0_EDC_SYNC_OUT0 O PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock Sync Output 0 W1 G2 PRG0_IEP0_EDC_SYNC_OUT1 O PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock Sync Output 1 U1 E1 PRG0_IEP0_EDIO_DATA_IN_OU T28 IO PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/ Output W6 Y3 PRG0_IEP0_EDIO_DATA_IN_OU T29 IO PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/ Output AA5 U1 PRG0_IEP0_EDIO_DATA_IN_OU T30 IO PRU_ICSSG0 Industrial Ethernet (IEP0) Digital I/O Data Input/Output Y5 R2 PRG0_IEP0_EDIO_DATA_IN_OU T31 IO PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/ Output V6 U2 PRG0_IEP1_EDC_LATCH_IN0 I PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock Latch Input 0 P5 D1 PRG0_IEP1_EDC_LATCH_IN1 I PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock Latch Input 1 W5 T5 PRG0_IEP1_EDC_SYNC_OUT0 O PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock Sync Output 0 R2 F3 PRG0_IEP1_EDC_SYNC_OUT1 O PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock Sync Output 1 V5 T1 PRG0_MDIO0_MDC O PRU_ICSSG0 MDIO Clock P3 D2 PRG0_MDIO0_MDIO IO PRU_ICSSG0 MDIO0 Data P2 E4 PRG0_PRU0_GPI0 I PRU_ICSSG0 PRU Data Input Y1 J3 PRG0_PRU0_GPI1 I PRU_ICSSG0 PRU Data Input R4 J4 PRG0_PRU0_GPI2 I PRU_ICSSG0 PRU Data Input U2 G1 PRG0_PRU0_GPI3 I PRU_ICSSG0 PRU Data Input V2 H1 PRG0_PRU0_GPI4 I PRU_ICSSG0 PRU Data Input AA2 K2 PRG0_PRU0_GPI5 I PRU_ICSSG0 PRU Data Input R3 F2 PRG0_PRU0_GPI6 I PRU_ICSSG0 PRU Data Input T3 H2 PRG0_PRU0_GPI7 I PRU_ICSSG0 PRU Data Input T1 E2 PRG0_PRU0_GPI8 I PRU_ICSSG0 PRU Data Input T2 H5 PRG0_PRU0_GPI9 I PRU_ICSSG0 PRU Data Input W6 Y3 PRG0_PRU0_GPI10 I PRU_ICSSG0 PRU Data Input AA5 U1 PRG0_PRU0_GPI11 I PRU_ICSSG0 PRU Data Input Y3 L1 PRG0_PRU0_GPI12 I PRU_ICSSG0 PRU Data Input AA3 K1 PRG0_PRU0_GPI13 I PRU_ICSSG0 PRU Data Input R6 N1 PRG0_PRU0_GPI14 I PRU_ICSSG0 PRU Data Input V4 N2 PRG0_PRU0_GPI15 I PRU_ICSSG0 PRU Data Input T5 N4 PRG0_PRU0_GPI16 I PRU_ICSSG0 PRU Data Input U4 N3 PRG0_PRU0_GPI17 I PRU_ICSSG0 PRU Data Input U1 E1 PRG0_PRU0_GPI18 I PRU_ICSSG0 PRU Data Input V1 K4 PRG0_PRU0_GPI19 I PRU_ICSSG0 PRU Data Input W1 G2 PRG0_PRU0_GPO0 IO PRU_ICSSG0 PRU Data Output Y1 J3 PRG0_PRU0_GPO1 IO PRU_ICSSG0 PRU Data Output R4 J4 PRG0_PRU0_GPO2 IO PRU_ICSSG0 PRU Data Output U2 G1 PRG0_PRU0_GPO3 IO PRU_ICSSG0 PRU Data Output V2 H1 PRG0_PRU0_GPO4 IO PRU_ICSSG0 PRU Data Output AA2 K2 AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 www.ti.com 82 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |