| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 242 page ![]() Table 6-64. PRU_ICSSG0 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] PRG0_PRU1_GPO15 IO PRU_ICSSG0 PRU Data Output U5 M4 PRG0_PRU1_GPO16 IO PRU_ICSSG0 PRU Data Output AA4 T3 PRG0_PRU1_GPO17 IO PRU_ICSSG0 PRU Data Output V5 T1 PRG0_PRU1_GPO18 IO PRU_ICSSG0 PRU Data Output P5 D1 PRG0_PRU1_GPO19 IO PRU_ICSSG0 PRU Data Output R2 F3 PRG0_PWM0_TZ_IN I PRU_ICSSG0 PWM Trip Zone Input V1 K4 PRG0_PWM0_TZ_OUT O PRU_ICSSG0 PWM Trip Zone Output W1 G2 PRG0_PWM1_TZ_IN I PRU_ICSSG0 PWM Trip Zone Input P5 D1 PRG0_PWM1_TZ_OUT O PRU_ICSSG0 PWM Trip Zone Output R2 F3 PRG0_PWM2_TZ_IN I PRU_ICSSG0 PWM Trip Zone Input T18, V6 T19, U2 PRG0_PWM2_TZ_OUT O PRU_ICSSG0 PWM Trip Zone Output R1, U21 F4, R20 PRG0_PWM3_TZ_IN I PRU_ICSSG0 PWM Trip Zone Input P16, W6 Y3 PRG0_PWM3_TZ_OUT O PRU_ICSSG0 PWM Trip Zone Output R17, Y3 L1 PRG0_PWM0_A0 IO PRU_ICSSG0 PWM Output A AA3 K1 PRG0_PWM0_A1 IO PRU_ICSSG0 PWM Output A V4 N2 PRG0_PWM0_A2 IO PRU_ICSSG0 PWM Output A U4 N3 PRG0_PWM0_B0 IO PRU_ICSSG0 PWM Output B R6 N1 PRG0_PWM0_B1 IO PRU_ICSSG0 PWM Output B T5 N4 PRG0_PWM0_B2 IO PRU_ICSSG0 PWM Output B2 U1 E1 PRG0_PWM1_A0 IO PRU_ICSSG0 PWM Output A Y4 P2 PRG0_PWM1_A1 IO PRU_ICSSG0 PWM Output A U6 R5 PRG0_PWM1_A2 IO PRU_ICSSG0 PWM Output A AA4 T3 PRG0_PWM1_B0 IO PRU_ICSSG0 PWM Output B T6 T4 PRG0_PWM1_B1 IO PRU_ICSSG0 PWM Output B U5 M4 PRG0_PWM1_B2 IO PRU_ICSSG0 PWM Output B2 V5 T1 PRG0_PWM2_A0 IO PRU_ICSSG0 PWM Output A U2, U20 G1, V21 PRG0_PWM2_A1 IO PRU_ICSSG0 PWM Output A T2, U19 H5, T20 PRG0_PWM2_A2 IO PRU_ICSSG0 PWM Output A V19, V3 M2, U18 PRG0_PWM2_B0 IO PRU_ICSSG0 PWM Output B AA2, U18 K2, U21 PRG0_PWM2_B1 IO PRU_ICSSG0 PWM Output B AA5, V20 T18, U1 PRG0_PWM2_B2 IO PRU_ICSSG0 PWM Output B T17, W3 L3, U20 PRG0_PWM3_A0 IO PRU_ICSSG0 PWM Output A V18, Y1 J3, Y19 PRG0_PWM3_A1 IO PRU_ICSSG0 PWM Output A R18, T3 H2 PRG0_PWM3_A2 IO PRU_ICSSG0 PWM Output A T19, V2 H1, P21 PRG0_PWM3_B0 IO PRU_ICSSG0 PWM Output B R4, Y21 J4, Y18 PRG0_PWM3_B1 IO PRU_ICSSG0 PWM Output B T1, T21 E2 PRG0_PWM3_B2 IO PRU_ICSSG0 PWM Output B R3, W19 F2 PRG0_RGMII1_RXC I PRU_ICSSG0 RGMII Receive Clock T3 H2 PRG0_RGMII1_RX_CTL I PRU_ICSSG0 RGMII Receive Control AA2 K2 PRG0_RGMII1_TXC IO PRU_ICSSG0 RGMII Transmit Clock U4 N3 PRG0_RGMII1_TX_CTL O PRU_ICSSG0 RGMII Transmit Control T5 N4 PRG0_RGMII2_RXC I PRU_ICSSG0 RGMII Receive Clock R5 F5 PRG0_RGMII2_RX_CTL I PRU_ICSSG0 RGMII Receive Control W3 L3 PRG0_RGMII2_TXC IO PRU_ICSSG0 RGMII Transmit Clock AA4 T3 PRG0_RGMII2_TX_CTL O PRU_ICSSG0 RGMII Transmit Control U5 M4 PRG0_RGMII1_RD0 I PRU_ICSSG0 RGMII Receive Data Y1 J3 PRG0_RGMII1_RD1 I PRU_ICSSG0 RGMII Receive Data R4 J4 PRG0_RGMII1_RD2 I PRU_ICSSG0 RGMII Receive Data U2 G1 PRG0_RGMII1_RD3 I PRU_ICSSG0 RGMII Receive Data V2 H1 PRG0_RGMII1_TD0 O PRU_ICSSG0 RGMII Transmit Data Y3 L1 AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 www.ti.com 84 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |