| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 242 page ![]() Table 6-35. FSI2 RX Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX2_CLK I FSI Reciever Clock T20 R21 FSI_RX2_D0 I FSI Receiver Data 0 U21 R20 FSI_RX2_D1 I FSI Receiver Data 1 T18 T19 Table 6-36. FSI3 RX Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX3_CLK I FSI Reciever Clock U20 V21 FSI_RX3_D0 I FSI Receiver Data 0 U18 U21 FSI_RX3_D1 I FSI Receiver Data 1 U19 T20 Table 6-37. FSI4 RX Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX4_CLK I FSI Reciever Clock R17 FSI_RX4_D0 I FSI Receiver Data 0 V20 T18 FSI_RX4_D1 I FSI Receiver Data 1 V21 U19 (1) The FSI4 RX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-38. FSI5 RX Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX5_CLK I FSI Reciever Clock P16 FSI_RX5_D0 I FSI Receiver Data 0 R18 FSI_RX5_D1 I FSI Receiver Data 1 T21 (1) The FSI5 RX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 6.3.11 GPIO MAIN Domain Instances Table 6-39. GPIO0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO0_0 IO General Purpose Input/Output N20 P20 GPIO0_1 IO General Purpose Input/Output N21 M21 GPIO0_2 IO General Purpose Input/Output N19 P17 GPIO0_3 IO General Purpose Input/Output M19 L19 GPIO0_4 IO General Purpose Input/Output M18 N20 GPIO0_5 IO General Purpose Input/Output M20 L21 GPIO0_6 IO General Purpose Input/Output M21 N19 GPIO0_7 (1) IO General Purpose Input/Output P21 GPIO0_8 (1) IO General Purpose Input/Output P20 GPIO0_9 (1) IO General Purpose Input/Output N18 GPIO0_10 (1) IO General Purpose Input/Output M17 GPIO0_11 IO General Purpose Input/Output L19 L20 GPIO0_12 IO General Purpose Input/Output L18 M20 GPIO0_13 (1) IO General Purpose Input/Output K17 GPIO0_14 (1) IO General Purpose Input/Output L17 GPIO0_15 IO General Purpose Input/Output T20 R21 GPIO0_16 IO General Purpose Input/Output U21 R20 GPIO0_17 IO General Purpose Input/Output T18 T19 GPIO0_18 IO General Purpose Input/Output U20 V21 GPIO0_19 IO General Purpose Input/Output AA14 AA14 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 67 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |