| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 77 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 77 Page - Texas Instruments |
|
77 / 242 page ![]() Table 6-46. I2C2 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] I2C2_SCL IOD I2C Clock C13, P19 B7 I2C2_SDA IOD I2C Data D14, R21 (1) The I2C2 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-47. I2C3 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] I2C3_SCL IOD I2C Clock C17 B14 I2C3_SDA IOD I2C Data D17 A15 MCU Domain Instances Table 6-48. MCU_I2C0 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_I2C0_SCL IOD I2C Clock E9 MCU_I2C0_SDA IOD I2C Data A10 (1) The MCU_I2C0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-49. MCU_I2C1 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_I2C1_SCL IOD I2C Clock A11 MCU_I2C1_SDA IOD I2C Data B10 (1) The MCU_I2C1 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 6.3.14 MCAN MAIN Domain Instances Table 6-50. MCAN0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCAN0_RX I MCAN Receive Data B17 A14 MCAN0_TX O MCAN Transmit Data A17 B13 Table 6-51. MCAN1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCAN1_RX I MCAN Receive Data D17 A15 MCAN1_TX O MCAN Transmit Data C17 B14 6.3.15 SPI (MCSPI) MAIN Domain Instances Table 6-52. MCSPI0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] SPI0_CLK IO SPI Clock D13 B8 SPI0_CS0 (1) IO SPI Chip Select 0 D12 SPI0_CS1 IO SPI Chip Select 1 C13 B7 SPI0_CS2 IO SPI Chip Select 2 B16 B9 SPI0_CS3 IO SPI Chip Select 3 A16 A9 SPI0_D0 IO SPI Data 0 A13 A8 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 77 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |