Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGTR/F Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 58Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 59Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 60Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 61Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 62Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 63Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 64Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 65Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 66Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Maxim Integrated │ 64
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Figure 19. CE Data Flow—Squaring and Summation
Ordering Information
F = Lead(Pb)-free/RoHS-compliant package.
R = Tape and reel.
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PART
TEMP RANGE
ACCURACY (typ, %)
FLASH (KB)
PIN-PACKAGE
71M6545T-IGT/F
-40°C to +85°C
0.1
64
64 LQFP
71M6545T-IGTR/F
-40°C to +85°C
0.1
64
64 LQFP
71M6545HT-IGT/F
-40°C to +85°C
0.1
64
64 LQFP
71M6545HT-IGTR/F
-40°C to +85°C
0.1
64
64 LQFP
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
64 LQFP
C64L+7
21-0665
90-0411
∑
WA
WASUM_X
WB
WBSUM_X
WC
WCSUM_X
VARA
VARASUM_X
VARB
VARBSUM_X
VARC
VARCSUM_X
∑
SUM
∑
IASQSUM_X
∑
IASQ
I2
V2
IA
IBSQSUM_X
IBSQ
IB
ICSQSUM_X
ICSQ
IC
VASQSUM_X
VASQ
VA
VBSQSUM_X
VBSQ
VB
VCSQSUM_X
VCSQ
VC
IDSQSUM_X
IDSQ
ID
F0
F0
SQUARE
MPU
SUM_SAMS = 2184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com