Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGTR/F Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 39Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 40Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 41Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 42Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 43Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 44Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 45Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 46Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Maxim Integrated │ 43
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
sponding offsets relative to the Info Page base address.
After reading the desired Info Page information, the MPU
must reset the INFO_PG bit. The code below provides
an example for reading Info Page fuse trims. In this
code example, the address, px is a pointer to the MPU’s
code space. In assembly language, the Info Page data
objects, which are read-only, must be accessed with the
MOVC 8051 instruction. In the C-language, Info Page
trim fuses must be fetched with a pointer of the correct
width, depending on the format of the trim fuse (an 8-bit
or a 16-bit data object). The case statements in the code
example below perform casts to obtain a pointer of the
correct size for each object, as needed.
In assembly language, the MPU has to form 11-bit or
16-bit values from two separate 8-bit fetches, depending
on the object being fetched. The byte values containing
less than 8 valid bits are LSB justified. For example Info
Page offset 0x90 is an 8-bit object whose three LSBs are
bits [10:8] of the complete TEMP_85[10:0] 11-bit object.
The Info Page data objects are 2s complement format
and should be sign-extended when read into a 16-bit data
type (see case _TEMP85 in the code example).
#if HIGH_PRECISION_METER
int16_t read_trim (enum eTRIMSEL
select) {
uint8r_t *px;
int16_t x;
px = ((uint16_t)select) +
((uint8r_t *)(CE3 << 10));
switch (select)
{
default:
case _TRIMBGD:
INFO_PG = 1;
x = *px;
INFO_PG = 0;
break;
case _TRIMBGB:
INFO_PG = 1;
x = *(uint16r_t*)px;
INFO_PG = 0;
break;
case _TEMP85:
INFO_PG = 1;
x = *(uint16r_t*)px;
INFO_PG = 0;
if (x & 0x800) x |= 0xF800;
break;
}
return (x); }
#endif //#if HIGH_PRECISION_METER
Table 11. Info Page Trim Fuses
REGISTER NAME
DEFINITION
LOCATION
ADDRESS
FORMAT
TYPICAL VALUE
STEMP_T85_P
STEMP at +85C
Info Block
0xAA, 0xAB
16 bits, signed
4400
STEMP_T22_P
STEMP at +22C
Info Block
0x8A, 0x8B
13 bits, unsigned
3600
T85_P
Probe temperature at +85C
Info Block
0xA6, 0xA7
16 bits signed
605
T22_P
Probe temperature at +22C
Info Block
0x9A
8 bits signed
35
STEMP
Temperature sensor
I/O RAM
0x2882,
0x2882
11 bits, sign extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com