Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGTR/F Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 41Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 42Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 43Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 44Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 45Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 46Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 47Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 48Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Maxim Integrated │ 45
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 12. I/O RAM Locations in Numerical Order (continued)
NAME
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CE1
210B
PLS_INTERVAL[7:0]
CE0
210C
R
R
DIFFB_E
DIFFA_E
RFLY_DIS
FIR_LEN[1:0]
PLS_INV
CE0
RTM0
210D
U
U
U
U
U
U
RTM0[9:8]
RTM0
210E
RTM0[7:0]
RTM1
210F
RTM1[7:0]
RTM2
2110
RTM2[7:0]
RTM3
2111
RTM3[7:0]
FIR_EXT
2112
U
U
U
U
SLOT_EXT[3:0]
CLOCK GENERATION
CKGN
2200
OUT_SQ[1:0]
ADC_DIV
PLL_FAST
RESET
MPU_DIV[2:0]
VREF TRIM FUSES
TRIMT
2309
TRIMT[7:0]
DIO
DIO_R5
2450
U
U
U
U
U
DIO_RPB[2:0]
DIO_R4
2451
U
DIO_R11[2:0]
U
DIO_R10[2:0]
DIO_R3
2452
U
DIO_R9[2:0]
U
DIO_R8[2:0]
DIO_R2
2453
U
DIO_R7[2:0]
U
DIO_R6[2:0]
DIO_R1
2454
U
DIO_R5[2:0]
U
DIO_R4[2:0]
DIO_R0
2455
U
DIO_R3[2:0]
U
DIO_R2[2:0]
DIO0
2456
DIO_EEX[1:0]
U
UMUX_SEL
OPT_TXE[1:0]
OPT_TXMOD
OPT_TXINV
DIO1
2457
DIO_PW
DIO_PV
OPT_FDC[1:0]
U
OPT_RXDIS
OPT_RXINV
OPT_TXINV
DIO2
2458
DIO_PX
DIO_PY
U
OUT_SQE
U
U
U
U
NONVOLATILE BITS
TMUX
2502
U
U
TMUX[5:0]
TMUX2
2503
U
U
U
TMUX2[4:0]
TC_A1
2508
U
U
U
U
U
U
TC_A[9:8]
TC_A2
2509
TC_A[7:0]
TC_B1
250A
U
U
U
U
TC_B[11:8]
TC_B2
250B
TC_B[7:0]
PQMASK
2511
U
U
U
U
U
PQMASK[2:0]
TSEL
2518
U
U
U
TEMP_SELE
TEMP_SEL[3:0]
TSBASE1
2519
U
U
U
U
U
SBASE[10:8]
TSBASE2
251A
SBASE[7:0]
TSMAX
251B
U
SMAX[6:0]
TSMIN
251C
U
SMIN[6:0]
TSFILT
251D
U
U
U
U
SFILT[3:0]
71M6x03 REMOTE INTERFACE
REMOTE2
2602
RMT_RD[15:8]
REMOTE1
2603
RMT_RD[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com