Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGTR/F Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 23Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 24Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 25Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 26Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 27Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 28Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 29Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 30Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Maxim Integrated │ 27
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Dual Data Pointer
The Dual Data Pointer accelerates the block moves of
data. The standard DPTR is a 16-bit register that is used
to address external memory or peripherals. In the 80515
core, the standard data pointer is called DPTR, the sec-
ond data pointer is called DPTR1. The data pointer select
bit, located in the LSB of the DPS register, chooses the
active pointer. DPTR is selected when DPS[0] = 0 and
DPTR1 is selected when DPS[0] = 1.
The user switches between pointers by toggling the LSB
of the DPS register. The values in the data pointers are
not affected by the LSB of the DPS register. All DPTR
related instructions use the currently selected DPTR for
any activity.
An alternative data pointer is available in the form of the
PDATA register (SFR 0xBF), sometimes referred to as
USR2). It defines the high byte of a 16-bit address when
reading or writing XDATA with the instruction MOVX A,@
Ri or MOVX @Ri,A.
Internal Data Memory Map and Access
The Internal data memory provides 256 bytes (0x00 to
0xFF) of data memory. The internal data memory address
is always 1 byte wide.
The Special Function Registers (SFR) occupy the upper
128 bytes. The SFR area of internal data memory is
available
only by direct addressing. Indirect address-
ing of this area accesses the upper 128 bytes of Internal
RAM. The lower 128 bytes contain working registers and
bit addressable memory. The lower 32 bytes form four
banks of eight registers (R0-R7). Two bits on the program
memory status word (PSW, SFR 0xD0) select which bank
is in use. The next 16 bytes form a block of bit address-
able memory space at addresses 0x00-0x7F. All of the
bytes in the lower 128 bytes are accessible through direct
or indirect addressing.
Special Function Registers
Only a few addresses in the SFR memory space are
occupied; other addresses are unimplemented. A read
access to unimplemented addresses returns undefined
data, while a write access has no effect. SFRs specific to
the 71M654xT are shown in bold print on a shaded field.
The registers at 0x80, 0x88, 0x90, etc., are bit address-
able, all others are byte addressable.
Timers and Counters
The 71M6545T/HT contains two 16-bit timer/counter
registers: Timer 0 and Timer 1. These registers can be
configured for counter or timer operations.
In timer mode, the register is incremented every machine
cycle, i.e., it counts up once for every 12 periods of the
MPU clock. In counter mode, the register is incremented
when the falling edge is observed at the corresponding
input signal T0 or T1 (T0 and T1 are the timer gating
inputs derived from certain DIO pins, see 2.5.8 Digital
I/O). Since it takes 2 machine cycles to recognize a
1-to-0 event, the maximum input count rate is 1/2 of the
clock frequency (CKMPU). There are no restrictions on
the duty cycle, however to ensure proper recognition of
the 0 or 1 state, an input should be stable for at least 1
machine cycle.
Four operating modes can be selected for Timer 0 and
Timer 1. The TMOD register is used to select the appro-
priate mode. The timer/counter operation is controlled by
the TCON register. Bits TR1 and TR0 in the TCON regis-
ter start their associated timers when set.
Table 5. Internal Data Memory Map
ADDRESS RANGE
DIRECT ADDRESSING
INDIRECT ADDRESSING
0x80
0xFF
Special Function Registers (SFRs)
RAM
0x30
0x7F
Byte addressable area
0x20
0x2F
Bit addressable area
0x00
0x1F
Register banks R0…R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com