Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGTR/F Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 12Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 13Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 14Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 15Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 16Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 17Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 18Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 19Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Maxim Integrated │ 16
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Figure 1. I/O Equivalent Circuits
DIGITAL INPUT EQUIVALENT CIRCUIT
TYPE 1:
STANDARD DIGITAL INPUT OR
PIN CONFIGURED AS DIO INPUT
WITH INTERNAL PULL-UP
V3P3D
V3P3D
110kΩ
CMOS
INPUT
DIGITAL
INPUT
PIN
DIGITAL INPUT
TYPE 2:
PIN CONFIGURED AS DIO INPUT
WITH INTERNAL PULL-UP
V3P3D
110kΩ
CMOS
INPUT
DIGITAL
INPUT
PIN
GNDD
GNDD
ANALOG INPUT EQUIVALENT CIRCUIT
TYPE 6:
ADC INPUT
VREF EQUIVALENT CIRCUIT
TYPE 9:
VREF
V3P3D
VREF
PIN
FROM
INTERNAL
REFERENCE
GNDA
V2P5 EQUIVALENT CIRCUIT
TYPE 10:
V2P5
V3P3D
V2P5
PIN
FROM
INTERNAL
REFERENCE
GNDD
V3P3D
TO
MUX
ANALOG
INPUT
PIN
GNDA
DIGITAL INPUT
TYPE 3:
STANDARD DIGITAL INPUT OR
PIN CONFIGURED AS DIO INPUT
V3P3D
CMOS
INPUT
DIGITAL
INPUT
PIN
GNDD
DIGITAL OUTPUT EQUIVALENT CIRCUIT
TYPE 4:
STANDARD DIGITAL OUTPUT OR
PIN CONFIGURED AS DIO OUTPUT
V3P3D
V3P3D
CMOS
OUTPUT
DIGITAL
OUTPUT
PIN
GNDD
COMPARATOR INPUT EQUIVALENT CIRCUIT
TYPE 7:
COMPARATOR INPUT
V3P3D
TO
COMPARATOR
COMPARATOR
INPUT
PIN
GNDA
V3P3D EQUIVALENT CIRCUIT
TYPE 13:
V3P3D
OSCILLATOR EQUIVALENT CIRCUIT
TYPE 8:
OSCILLATOR I/O
TO
OSCILLATOR
OSCILLATOR
PIN
GNDD
VBAT EQUIVALENT CIRCUIT
TYPE 12:
VBAT POWER
POWER
DOWN
CIRCUITS
VBAT
PIN
GNDD
10Ω
40Ω
V3P3D
PIN
FROM
V3P3SYS
FROM
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com