Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD4697BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 31Page - Analog Devices AD4697BCPZ Datasheet HTML 32Page - Analog Devices AD4697BCPZ Datasheet HTML 33Page - Analog Devices AD4697BCPZ Datasheet HTML 34Page - Analog Devices AD4697BCPZ Datasheet HTML 35Page - Analog Devices AD4697BCPZ Datasheet HTML 36Page - Analog Devices AD4697BCPZ Datasheet HTML 37Page - Analog Devices AD4697BCPZ Datasheet HTML 38Page - Analog Devices AD4697BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 35 of 107
REF input without impacting performance (see the Reference Input
High-Z Mode section). The internal reference buffer (available in the
WLCSP option only) also provides a true buffered reference input
(see the Internal Reference Buffer section).
The average REF input current scales with sample rate (see
Table 1 and Figure 40).
Reference Input High-Z Mode
When enabled, reference input high-Z mode reduces the average
REF current by approximately 95% from 320 µA/MSPS to
11 µA/MSPS (see Table 1). The reduction in REF current allows
the AD4697/AD4698 to tolerate larger series resistance between
the reference source and the REF input without compromising per-
formance. Therefore, reference input high-Z mode allows voltage
references with higher load regulation specifications to directly drive
the REF input without the need for a dedicated reference buffer.
The REF input requires a reference decoupling capacitor (CREF).
When reference input high-Z mode is disabled, CREF must be 10 µF
or larger. When reference input high-Z mode is enabled, CREF can
be as small as 1 µF.
See the Reference Circuitry Design section for more reference
circuit design recommendations.
To enable and disable reference input high-Z mode, set the value
of the REFHIZ_EN bit in the REF_CTRL register. Reference input
high-Z mode is enabled by default.
Analog input high-Z mode must be enabled when reference input
high-Z mode is enabled. If any analog input channels are config-
ured with analog input high-Z mode disabled, reference input high-Z
mode must also be disabled.
Internal Reference Buffer
The internal reference buffer (available only in the WLCSP option of
the AD4698) provides a true buffered reference input (REFIN). The
internal reference buffer is useful in applications using unbuffered,
low power, reference sources or where multiple devices share a
common reference source. As described in the Reference Circuit
Design for Internal Reference Buffer section, an RC low-pass filter
with a very low cutoff frequency can be implemented at the internal
reference buffer input to significantly reduce wideband noise from
the reference source.
When the internal reference buffer is enabled, the maximum allowa-
ble VREF is AVDD – 0.3 V (see Table 1).
When not using the internal reference buffer, REFIN must be tied to
REF.
When the internal reference buffer is enabled, the AD4698 draws
approximately 450 μA more current through the AVDD supply;
however, this is still typically less additional supply current when
compared to a dedicated external reference buffer that is traditional-
ly required to drive the reference input of a SAR ADC.
Table 1 shows power consumption with the internal reference buffer
disabled and enabled.
Figure 74 shows a simplified diagram of the AD4698 internal refer-
ence buffer. The internal reference buffer is enabled by setting the
REFBUF_EN bit in the REF_CTRL register to 1. The reference in-
put high-Z mode must be enabled when using the internal reference
buffer (REFHIZ_EN = 1). The internal reference buffer is disabled
by default.
When the internal reference buffer is disabled, setting the RE-
FBUF_BP bit in the REF_CTRL register bypasses the internal refer-
ence buffer by internally connecting the REFIN and REF pins (via
SWBP). When the internal reference buffer is enabled (REFBUF_EN
= 1), the value of the REFBUF_BP bit is ignored, and SWBP is
always open. Do not operate the AD4698 in conversion mode while
the REFBUF_BP bit is set to 1.
The internal reference buffer turn-on time specification (tREFBUF
in Table 1) is the delay between enabling the internal reference
buffer and the REF pin voltage transitioning from 0 V to VREF
within 0.01%. tREFBUF is proportional to CREF. Figure 44 shows
the internal reference buffer driving VREF vs. time and CREF. The
internal reference buffer includes a boost mode, which reduces the
internal reference buffer turn-on time when it is enabled by increas-
ing the internal reference buffer output current (see the Optimizing
Reference Buffer Startup section). Set the REFBUF_BOOST bit in
the REF_CTRL register to 1 to enable reference buffer boost mode.
Reference buffer boost mode is disabled by default.
Figure 74. Internal Reference Buffer Simplified Schematic
POWER SUPPLIES
The AD4697/AD4698 have three power supply pins: an analog
supply (AVDD), an ADC core supply (VDD), and a digital input/out-
put interface supply (VIO). The AD4697/AD4698 also include an
internal LDO that can be used to provide the VDD rail with a
wider variety of supply voltages (or in single-supply systems by
tying LDO_IN to AVDD). Table 1 shows the specified power supply
voltage requirements.
AVDD can range from 3.15 V to 5.5 V and powers the AFE features
of the AD4697/AD4698, including the multiplexer, analog input
high-Z mode and reference input high-Z mode circuitry, and the
internal reference buffer (WLCSP option only). When the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com