Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD4697BCPZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 69Page - Analog Devices AD4697BCPZ Datasheet HTML 70Page - Analog Devices AD4697BCPZ Datasheet HTML 71Page - Analog Devices AD4697BCPZ Datasheet HTML 72Page - Analog Devices AD4697BCPZ Datasheet HTML 73Page - Analog Devices AD4697BCPZ Datasheet HTML 74Page - Analog Devices AD4697BCPZ Datasheet HTML 75Page - Analog Devices AD4697BCPZ Datasheet HTML 76Page - Analog Devices AD4697BCPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 73 of 107
ANALOG INPUT OVERVOLTAGE PROTECTION
The external resistor in the external RC filter (represented by REXT
in Figure 66, Figure 112, and Figure 115) works with the input
overvoltage protection clamps to provide overvoltage protection to
the analog inputs (see the Input Overvoltage Protection Clamps
section).
An overvoltage event is defined as an event where the overvoltage
protection clamps are activated as a result of the input voltage
on IN0 to IN7 or COM exceeding the clamp activation voltage
specification (VACT in Figure 115). The maximum VACT voltage
specification is VREF + 0.55 V (see Table 1).
When activated, the clamp on the given channel sinks current
from the source to ground (see ICLAMP in Figure 115), resulting
in a voltage drop across REXT. The AD4697/AD4698 overvoltage
protection clamps support a maximum sustained ICLAMP current of
5 mA (see Table 1). REXT therefore isolates the analog input pin
voltage from the applied voltage (VIN). The maximum VIN that can
be supported for a given analog input is a function of VREF and
REXT. The following relation gives the required value of REXT to limit
the clamp current to the maximum supported current
(5 mA) given the VREF and maximum expected VIN:
REXT=VIN,MAX−VREF
5 mA
Ω
(14)
For example, if the analog input source can swing to 7.5 V and
VREF = 5 V, REXT must be approximately 500 Ω to limit the
clamp current to 5 mA. If this resistor is being sized based upon
the clamping current limits, CEXT must be carefully chosen to
ensure adequate that input bandwidth is achieved (see the Analog
Front-End Noise Considerations and Signal Settling Requirements
sections for more information).
The REXT value also must be selected to ensure stability of the
overvoltage protection clamp circuit, if desired. See the Overvoltage
Protection Clamp Stability section for more information.
Figure 115. Analog Input Overvoltage Event
REFERENCE CIRCUITRY DESIGN
The AD4697/AD4698 VREF sets the full-scale range of the ADC
core and determines the resulting output code for a given analog
input voltage (see the Transfer Function section). The VREF voltage
therefore has a direct impact on the overall system accuracy and
ac performance. The reference companion circuitry for the AD4697/
AD4698 must have adequate noise performance, accuracy, drift,
and signal settling characteristics for the end application.
The REF input is a dynamic current load that pulls charge from the
reference circuitry during the conversion phase of the ADC core,
and the reference circuit must be able to maintain a stable VREF
while the ADC is performing conversions to maintain performance
(that is, gain error).
The AD4697/AD4698 reference input high-Z mode significantly
reduces the magnitude of the average current of the REF input
when enabled. The WLCSP option of the AD4698 also includes
an optional internal reference buffer to provide a true buffered high-
impedance reference input. The reference input high-Z mode and
internal reference buffer significantly reduce the drive requirements
of the reference circuitry, allowing system designers to prioritize dc
accuracy, power, and system footprint targets.
Figure 116 shows the typical connection diagram for the AD4697/
AD4698 companion reference circuit. The reference circuitry con-
sists of a voltage reference, CREF, and any accompanying refer-
ence buffer or analog low-pass filtering. A reference buffer is
required if the selected voltage reference does not have an ade-
quate load regulation to drive the REF input at the desired ADC
sample rate (see the Reference Circuit Design for Driving REF
Input section).
CREF supplies the charge necessary for the ADC core to perform
the bit trials as part of the conversion phase and filters noise from
the other reference circuitry. CREF must be sufficiently large to pre-
vent deviations in VREF during the ADC bit trials. When reference
input high-Z mode is enabled, the amount of charge pulled by the
REF input is significantly reduced, thereby reducing the minimum
CREF capacitance. When reference input high-Z mode is disabled,
a 10 µF CREF is recommended. When reference input high-Z mode
is enabled, a 1 µF CREF is recommended. CREF is required whether
reference input high-Z mode or the internal reference buffer are
enabled or disabled.
The PCB layout of the reference circuitry relative to the AD4697/
AD4698 REF input is critical to ensuring optimal performance. The
Layout Guidelines section provides recommendations and guide-
lines for the layout of the reference circuit components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com