Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD4697BCPZ Datasheet(PDF) 93 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 93 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 89Page - Analog Devices AD4697BCPZ Datasheet HTML 90Page - Analog Devices AD4697BCPZ Datasheet HTML 91Page - Analog Devices AD4697BCPZ Datasheet HTML 92Page - Analog Devices AD4697BCPZ Datasheet HTML 93Page - Analog Devices AD4697BCPZ Datasheet HTML 94Page - Analog Devices AD4697BCPZ Datasheet HTML 95Page - Analog Devices AD4697BCPZ Datasheet HTML 96Page - Analog Devices AD4697BCPZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 93 of 107
SPI Configuration C Register
Address: 0x0010, Reset: 0x23, Name: SPI_CONFIG_C
Table 39. Bit Descriptions for SPI_CONFIG_C
Bits
Bit Name
Description
Reset
Access
[7:6]
CRC_EN
CRC Enable Field. This field enables the CRC when set to 0x1 (if CRC_EN_N is also set to 0x2). This field disables the
CRC when set to a value other than 0x1 (see the Checksum Protection section).
0x0
R/W
0: disables CRC.
1: enables CRC if CRC_EN_N = 0x2.
5
MB_STRICT
Multibyte Access Control Bit. This bit sets the SPI transaction requirements for multibyte registers (see the Multibyte
Register Access section).
0x1
R/W
0: individual bytes in multibyte registers are read from or written to in individual data phases.
1: all bytes in multibyte registers are read from or written to in a single data phase.
[4:2]
RESERVED
Reserved.
0x0
R
[1:0]
CRC_EN_N
Inverted CRC Enable Field. This field enables the CRC when set to 0x2 (if CRC_EN is also set to 0x1). This field
disables the CRC when set to a value other than 0x2 (see the Checksum Protection section).
0x3
R/W
Interface Status Register
Address: 0x0011, Reset: 0x00, Name: SPI_STATUS
Table 40. Bit Descriptions for SPI_STATUS
Bits
Bit Name
Description
Reset
Access
7
NOT_RDY_ERROR
Interface Not Ready Error Flag. This bit is set to 1 when the digital host initiates an SPI transaction before the
AD4697/AD4698 interface is ready to respond, for example, before a device reset is complete.
0x0
R/W1C
[6:5]
RESERVED
Reserved.
0x0
R
4
SCK_ERROR
SPI Clock Count Error Flag. This bit is set to 1 when an incorrect number of serial clock edges is received in an
SPI read or write transaction, for example, if the SPI frame ends in the middle of a data phase.
0x0
R/W
3
CRC_ERROR
CRC Error Flag. This bit is set to 1 when the AD4697/AD4698 receives a checksum that does not match its
expected value (see the Checksum Protection section). This error flag is only active when the CRC is enabled.
0x0
R/W1C
2
WRITE_INVALID
Invalid Write Error Flag. This bit is set to 1 when the digital host attempts an SPI write to a register that contains
exclusively read only bits.
0x0
R/W1C
1
MB_ERROR
Multibyte Register Access Error Flag. This bit is set to 1 when an SPI transaction does not access all bytes of a
multibyte register. This error flag is only active when the MB_STRICT bit is set to 1.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com