Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD4697BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 22Page - Analog Devices AD4697BCPZ Datasheet HTML 23Page - Analog Devices AD4697BCPZ Datasheet HTML 24Page - Analog Devices AD4697BCPZ Datasheet HTML 25Page - Analog Devices AD4697BCPZ Datasheet HTML 26Page - Analog Devices AD4697BCPZ Datasheet HTML 27Page - Analog Devices AD4697BCPZ Datasheet HTML 28Page - Analog Devices AD4697BCPZ Datasheet HTML 29Page - Analog Devices AD4697BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 26 of 107
OVERVIEW
The AD4697/AD4698 are low power, 8-channel, 16-bit, 500 kSPS/
1 MSPS, multiplexed, precision SAR ADCs. The AD4697/AD4698
offer valid first conversion results even after being idle for long
periods of time.
The AD4697/AD4698 include features that simplify the design re-
quirements of peripheral circuitry and facilitate high performance
data acquisition system designs with low power consumption and
high channel density. These features include the following:
►
16-bit SAR ADC core with no missing codes
►
8 multiplexed analog inputs with low crosstalk multiplexer
►
Flexible channel sequencing modes
►
Analog input and reference high-Z mode
►
Internal reference buffer (WLCSP option only)
►
Temperature sensor
►
Input overvoltage protection clamps on each analog input
►
Programmable threshold detection for each analog input
►
Autocycle mode for performing conversions autonomously
►
First-order offset and gain correction for each analog input
►
Oversampling and decimation options for each analog input
When multiplexing between channels, the analog input high-Z
mode feature reduces the nonlinear voltage steps that occur at
the analog inputs. Analog input high-Z mode relaxes settling and
bandwidth requirements of the AFE circuitry and allows lower
bandwidth and lower power amplifiers to drive the analog inputs
directly.
The reference input high-Z mode feature significantly reduces the
REF input current while the ADC core performs conversions to
relax the drive requirements of the reference circuitry. This feature
allows the use of lower power references and smaller reference
decoupling capacitors (1 µF) than with traditional SAR ADCs.
The WLCSP option also includes an internal reference buffer with
high input impedance for directly interfacing with low power referen-
ces.
Each analog input is equipped with input overvoltage protection
clamps to protect the device from overvoltage events. The circuits
of the clamps are robust and prevent overvoltage events on an
analog input from significantly impacting the performance of the
other analog inputs.
The AD4697/AD4698 include a variety of channel sequencing
modes that provide a flexible means of performing conversions on
a sequence of analog input channels. The standard sequencer and
advanced sequencer allow a channel sequence to be preprogram-
med and automatically progressed as conversions occur. Two-cycle
command mode and single-cycle command mode allow the digital
host to manually select from the channels with SPI commands.
The AD4697/AD4698 have an enhanced digital interface that
is used to access the device register contents and initiate and
read conversion results while providing additional utility. Register
configuration mode is used to read and write to the register con-
tents. Conversion mode is used to initiate conversions and read
back conversion results. The fast conversion time of the AD4697/
AD4698 allows low serial clock rates to read back conversions even
when running at full throughput. The AD4697/AD4698 support the
4-wire SPI protocol and have optional dual- and quad-SDO modes
that enable slower SCK rates by shifting out conversion results on
multiple data outputs in parallel.
The power consumption of the AD4697/AD4698 scales
with throughput because the ADC core powers down between con-
versions. When operating at 10 kSPS, for example, the AD4697/
AD4698 typically consume 85 μW (with internal LDO, analog input
high-Z mode, reference high-Z mode and internal reference buffer
disabled), making the devices suitable for battery-powered applica-
tions.
The AD4697/AD4698 are available in a 24-lead, 4.00 mm ×
4.00 mm LFCSP or in a 36-lead, 2.960 mm × 2.960 mm WLCSP.
CONVERTER OPERATION
The AD4697/AD4698 contain an SAR-based ADC core that utilizes
a charge redistribution digital-to-analog converter (DAC) to quantize
the applied input voltage to an output code. Figure 63 shows a
simplified schematic of the AD4697/AD4698 SAR ADC core.
The analog inputs and the temperature sensor are connected to
the capacitor array inputs (ADCIN+ and ADCIN−) via the internal
low crosstalk multiplexer, represented by SWMUX+ and SWMUX− in
Figure 63. The multiplexer switches are controlled by the internal
channel sequencing logic and are updated once per conversion
(see the Multiplexer section and the Channel Sequencing Modes
section).
The AD4697/AD4698 SAR ADC conversion routine consists of an
acquisition phase and a conversion phase. The ADC remains in
the acquisition phase until the conversion phase begins. During the
acquisition phase, the capacitor array acquires the voltage on the
analog input channel selected by the internal multiplexer. During
the conversion phase, the ADC core samples the input voltage and
generates a corresponding output code result. Figure 64 shows the
data processing path for the conversion results generated by the
AD4697/AD4698 ADC core.
The AD4697/AD4698 must be in conversion mode to initiate the
conversion phase (see the Conversion Mode section). In register
configuration mode, the SAR ADC core remains in the acquisition
phase.
During the acquisition phase, the terminals of the capacitor array
tied to the input of the comparator are connected to REFGND
through the SW+ and SW− switches. All switches on the individual
capacitors in the array are connected to ADCIN+ and ADCIN−, and
ADCIN+ and ADCIN− are connected to the selected analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com