Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPD1025LEVB2 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Error! Unknown document property name.
Data Sheet Rev. L, March 2022
Subject to change without notice | All rights reserved
6 of 26
www.qorvo.com
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Measured Load-Pull Smith Charts at 65 V 1, 2, 3
Notes:
1.
Test Conditions: VD = 65 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See page 16 for load pull reference planes where the performance was measured.
4.
0.915GHz, Load-pull
59.8
59.8
59.6
59.2
58.8
58.4
57.6
20
19.5
19
18.5
18
78.3
77.3
74.3
71.3
69.3
68.3
65.3
• Max Power is 59.9dBm
at Z = 1.8-0.25i
= -0.2466-0.0649i
• Max Gain is 20dB
at Z = 1.97+2.44i
= 0.0272+0.4776i
• Max DEff is 78.4%
at Z = 2.46+2.07i
= 0.0392+0.3643i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 0.72-1.74i
Zs(2fo) = 1.65-4.46i
Zs(3fo) = 2.73-0.85i
Zl(2fo) = 1.09+2.31i
Zl(3fo) = 9.04-3.29i
Power
Gain
DEFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com