Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPD1025LEVB2 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 20Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Error! Unknown document property name.
Data Sheet Rev. L, March 2022
Subject to change without notice | All rights reserved
17 of 26
www.qorvo.com
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Mechanical Drawing (NI-1230) 1-7
Notes:
1. All dimensions are in inches.
2. Dimension tolerance is ± 0.005 inches, unless noted otherwise.
3. Package base: Ceramic/Metal, Package lid: Ceramic
4. Package Metal base and leads are gold plated
5. Parts are epoxy sealed.
6. Parts meet industry NI1230 footprint
7. Body dimensions do not include runout which can be up to 0.020 inches per side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com