Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPD1025LEVB2 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Error! Unknown document property name.
Data Sheet Rev. L, March 2022
Subject to change without notice | All rights reserved
16 of 26
www.qorvo.com
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Pin
Symbol
Description
1, 2
RF IN / VG
Gate
3, 4
RF OUT / VD
Drain
5
Source
Source / Ground / Backside of part
Pin Configuration and Description 1
Note:
1-
The QPD1025L
will be marked with the “QPD1025L” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the assembly lot
start, the “MXXX” is the production lot number, and the “ZZZ” is an auto-generated serial number.
Note:
1.
The QPD1025L will be marked with the “QPD1025L” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the assembly lot start,
t
he “MXXX” is the production lot number, and the “ZZZ” is an auto-generated serial number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com