Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SOSQTP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F2450-E/SOSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SOSQTP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F2450-E/SOSQTP Datasheet HTML 21Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 22Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 23Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 24Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 25Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 26Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 27Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 28Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 23
2.0
OSCILLATOR
CONFIGURATIONS
2.1
Overview
Devices in the PIC18F2450/4450 family incorporate a
different oscillator and microcontroller clock system
than the non-USB PIC18F devices. The addition of the
USB module, with its unique requirements for a stable
clock source, make it necessary to provide a separate
clock source that is compliant with both USB low-speed
and full-speed specifications.
To accommodate these requirements, PIC18F2450/
4450 devices include a new clock branch to provide a
48 MHz clock for full-speed USB operation. Since it is
driven from the primary clock source, an additional
system of prescalers and postscalers has been added
to accommodate a wide range of oscillator frequencies.
An overview of the oscillator structure is shown in
Figure 2-1.
Other oscillator features used in PIC18 enhanced
microcontrollers, such as the internal RC oscillator and
clock switching, remain the same. They are discussed
later in this chapter.
2.1.1
OSCILLATOR CONTROL
The operation of the oscillator in PIC18F2450/4450
devices
is
controlled
through
two
Configuration
registers and two control registers. Configuration
registers, CONFIG1L and CONFIG1H, select the
oscillator mode and USB prescaler/postscaler options.
As Configuration bits, these are set when the device is
programmed and left in that configuration until the
device is reprogrammed.
The OSCCON register (Register 2-1) selects the Active
Clock mode; it is primarily used in controlling clock
switching in power-managed modes. Its use is
discussed in Section 2.4.1 “Oscillator Control
Register”.
2.2
Oscillator Types
PIC18F2450/4450 devices can be operated in twelve
distinct oscillator modes. In contrast with the non-USB
PIC18 enhanced microcontrollers, four of these modes
involve the use of two oscillator types at once. Users
can program the FOSC3:FOSC0 Configuration bits to
select one of these modes:
1.
XT
Crystal/Resonator
2.
XTPLL
Crystal/Resonator with PLL enabled
3.
HS
High-Speed Crystal/Resonator
4.
HSPLL
High-Speed Crystal/Resonator
with PLL enabled
5.
EC
External Clock with FOSC/4 output
6.
ECIO
External Clock with I/O on RA6
7.
ECPLL
External Clock with PLL enabled
and FOSC/4 output on RA6
8.
ECPIO
External Clock with PLL enabled,
I/O on RA6
9.
INTHS
Internal Oscillator used as
microcontroller clock source, HS
Oscillator used as USB clock source
10. INTXT
Internal Oscillator used as
microcontroller clock source, XT
Oscillator used as USB clock source
11. INTIO
Internal Oscillator used as
microcontroller clock source, EC
Oscillator used as USB clock source,
digital I/O on RA6
12. INTCKO Internal Oscillator used as
microcontroller clock source, EC
Oscillator used as USB clock source,
FOSC/4 output on RA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com