Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SOSQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F2450-E/SOSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SOSQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F2450-E/SOSQTP Datasheet HTML 49Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 51
TXSTA
2450
4450
0000 0010
0000 0010
uuuu uuuu
RCSTA
2450
4450
0000 000x
0000 000x
uuuu uuuu
EECON2
2450
4450
0000 0000
0000 0000
0000 0000
EECON1
2450
4450
-x-0 x00-
-u-0 u00-
-u-0 u00-
IPIR2
2450
4450
1-1- -1--
1-1- -1--
u-u- -u--
PIR2
2450
4450
0-0- -0--
0-0- -0--
u-u- -u--(2)
PIE2
2450
4450
0-0- -0--
0-0- -0--
u-u- -u--
IPR1
2450
4450
-111 -111
-111 -111
-uuu -uuu
PIR1
2450
4450
-000 -000
-000 -000
-uuu -uuu(2)
PIE1
2450
4450
-000 -000
-000 -000
-uuu -uuu
TRISE
2450
4450
---- -111
---- -111
uuuu -uuu
TRISD
2450
4450
1111 1111
1111 1111
uuuu uuuu
TRISC
2450
4450
11-- -111
11-- -111
uu-- -uuu
TRISB
2450
4450
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2450
4450
-111 1111(5)
-111 1111(5)
-uuu uuuu(5)
LATE
2450
4450
---- -xxx
---- -uuu
---- -uuu
LATD
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2450
4450
xx-- -xxx
uu-- -uuu
uu-- -uuu
LATB
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2450
4450
-xxx xxxx(5)
-uuu uuuu(5)
-uuu uuuu(5)
PORTE
2450
4450
---- x000
---- x000
---- uuuu
PORTD
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2450
4450
xxxx -xxx
uuuu -uuu
uuuu -uuu
PORTB
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2450
4450
-x0x 0000(5)
-u0u 0000(5)
-uuu uuuu(5)
UEP15
2450
4450
---0 0000
---0 0000
---u uuuu
UEP14
2450
4450
---0 0000
---0 0000
---u uuuu
UEP13
2450
4450
---0 0000
---0 0000
---u uuuu
UEP12
2450
4450
---0 0000
---0 0000
---u uuuu
UEP11
2450
4450
---0 0000
---0 0000
---u uuuu
UEP10
2450
4450
---0 0000
---0 0000
---u uuuu
UEP9
2450
4450
---0 0000
---0 0000
---u uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
4:
See Table 4-3 for Reset value for specific condition.
5:
PORTA<6>, LATA<6> and TRISA<6> are enabled depending on the oscillator mode selected. When not
enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com