Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SOSQTP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC18F2450-E/SOSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SOSQTP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC18F2450-E/SOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 60Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 61Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 62Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 63Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 64Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 65Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 320 page
background image
PIC18F2450/4450
DS39760A-page 60
Advance Information
© 2006 Microchip Technology Inc.
FIGURE 5-5:
DATA MEMORY MAP FOR PIC18F2450/4450 DEVICES
Bank 0
Bank 1
Bank 14
Bank 15
Data Memory Map
BSR<3:0>
= 0000
= 0001
= 1111
060h
05Fh
F60h
FFFh
00h
5Fh
60h
FFh
Access Bank
When a = 0:
The BSR is ignored and the
Access Bank is used.
The first 96 bytes are
general purpose RAM
(from Bank 0).
The remaining 160 bytes are
Special Function Registers
(from Bank 15).
When a = 1:
The BSR specifies the bank
used by the instruction.
F5Fh
F00h
EFFh
1FFh
100h
0FFh
000h
Access RAM
FFh
00h
FFh
00h
FFh
00h
GPR
GPR
SFR
Access RAM High
Access RAM Low
Bank 2
= 0010
(SFRs)
2FFh
200h
3FFh
300h
4FFh
400h
800h
Bank 3
Bank 4
Bank 5
FFh
00h
FFh
00h
FFh
00h
00h
Unused
Unused
FFh
= 0011
= 0100
= 0101
Unused
Read as 00h
to
= 1110
Note 1:
This bank also serve as RAM buffer for USB operation. See Section 5.3.1 “USB RAM” for more
information.
Unused
GPR(1)
Read as 00h
Read as 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com