Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SOSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F2450-E/SOSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SOSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F2450-E/SOSQTP Datasheet HTML 1Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 2Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 3Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 4Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 5Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 6Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 320 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 1
Universal Serial Bus Features:
• USB V2.0 Compliant
• Low speed (1.5 Mb/s) and full speed (12 Mb/s)
• Supports control, interrupt, isochronous and
bulk transfers
• Supports up to 32 endpoints (16 bidirectional)
• 256-byte dual access RAM for USB
• On-chip USB transceiver with on-chip voltage
regulator
• Interface for off-chip USB transceiver
Power-Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 5.8
μA typical
• Sleep mode currents down to 0.1
μA typical
• Timer1 oscillator: 1.8
μA typical, 32 kHz, 2V
• Watchdog Timer: 2.1
μA typical
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes, including High-Precision PLL
for USB
• Two External Clock modes, up to 48 MHz
• Internal 31 kHz oscillator
• Secondary oscillator using Timer1 @ 32 kHz
• Dual oscillator options allow microcontroller and
USB module to run at different clock speeds
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if any clock stops
Peripheral Highlights:
• High-current sink/source: 25 mA/25 mA
• Three external interrupts
• Three Timer modules (Timer0 to Timer2)
• Capture/Compare/PWM (CCP) module:
- Capture is 16-bit, max. resolution 5.2 ns
- Compare is 16-bit, max. resolution 83.3 ns
- PWM output: PWM resolution is 1 to 10-bit
• Enhanced USART module:
- LIN bus support
• 10-bit, up to 13-channel Analog-to-Digital Converter
module (A/D):
- Up to 100 ksps sampling rate
- Programmable acquisition time
Special Microcontroller Features:
• C compiler optimized architecture with optional
extended instruction set
• Flash memory retention: > 40 years
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Programmable Code Protection
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Optional dedicated ICD/ICSP port
(44-pin TQFP devices only)
• Wide operating voltage range (2.0V to 5.5V)
Device
Program Memory
Data
Memory
SRAM
(bytes)
I/O
10-Bit A/D
(ch)
CCP
EUSART
Timers
8/16-Bit
Flash
(bytes)
# Single-Word
Instructions
PIC18F2450
16K
8192
768*
23
10
1
1
1/2
PIC18F4450
16K
8192
768*
34
13
1
1
1/2
*
Includes 256 bytes of dual access RAM used by USB module and shared with data memory.
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash,
USB Microcontrollers with nanoWatt Technology
PIC18F2450/4450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com