Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SOSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F2450-E/SOSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SOSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F2450-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 14Page - Microchip Technology PIC18F2450-E/SOSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 9
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F2450
PIC18F4450
Operating Frequency
DC – 48 MHz
DC – 48 MHz
Program Memory (Bytes)
16384
16384
Program Memory (Instructions)
8192
8192
Data Memory (Bytes)
768
768
Interrupt Sources
13
13
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, D, E
Timers
3
3
Capture/Compare/PWM Modules
1
1
Enhanced USART
1
1
Universal Serial Bus (USB) Module
1
1
10-bit Analog-to-Digital Module
10 Input Channels
13 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow (PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow (PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage Detect
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended Instruction Set
enabled
75 Instructions;
83 with Extended Instruction Set
enabled
Packages
28-pin PDIP
28-pin SOIC
40-pin PDIP
44-pin QFN
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com