Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FU008-A-R-SD-1.0 Datasheet(PDF) 10 Page - ABLIC Inc.

Part # FU008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 Datasheet(HTML) 10 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 6Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 14Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
S-35710M
Rev.1.1_00
10
SCL
SDA
(S-35710M input)
SDA
(S-35710M output)
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
Figure 8 Bus Timing
1
3
5
7
9
11
13
15
Load capacitance [pF]
10
fSCL = 1.0 MHz
fSCL = 400 kHz
100
1000
Figure 9 Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com