| Electronic Components Datasheet Search |
|
FU008-A-R-SD-1.0 Datasheet(PDF) 14 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
FU008-A-R-SD-1.0 Datasheet(HTML) 14 Page - ABLIC Inc. |
|
14 / 29 page ![]() WAKE-UP TIMER IC PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL S-35710M Rev.1.1_00 14 Serial Interface The S-35710M transmits and receives various commands via I2C-bus serial interface to read / write data. 1. Start condition When SDA changes from "H" to "L" with SCL at "H", the S-35710M recognizes start condition and the access operation is started. 2. Stop condition When SDA changes from "L" to "H" with SCL at "H", the S-35710M recognizes stop condition and the access operation is completed. The S-35710M enters standby mode, consequently. tSU.STA tHD.STA tSU.STO Start condition Stop condition SDA SCL Figure 15 Start / Stop Condition 3. Data transmission and acknowledge The data transmission is performed at every 1 byte after the start condition detection. Pay attention to the specification of tSU.DAT and tHD.DAT when changing SDA, and perform the operation when SCL is "L". If SDA changes when SCL is "H", the start / stop condition is recognized even during the data transmission, and the access operation will be interrupted. Whenever a 1-byte data is received during data transimmion, the receiving device returns an acknowledge. For example, as shown in Figure 16, assume that the S-35710M is a receiving device, and the master device is a transmitting device. If the clock pulse at the 8th bit falls, the master device releases SDA. Consequently, the S-35710M, as an acknowledge, sets SDA to "L" during the 9th bit pulse. The access operation is not performed properly when the S-35710M does not output an acknowledge. tHD.DAT tSU.DAT 1 8 9 Acknowledge output (Active "L") tAA Start condition SCL (S-35710M input) SDA (Master device output) SDA (S-35710M output) High-Z Release SDA High-Z Figure 16 Acknowledge Output Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |