Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FU008-A-R-SD-1.0 Datasheet(PDF) 15 Page - ABLIC Inc.

Part # FU008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 Datasheet(HTML) 15 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 14Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 15Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 16Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 17Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 18Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 19Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
S-35710M
15
4. Data transmission format
After the start condition transmission, the 1st byte is a slave address and a command (read / write bit) that shows the
transmission direction of the data at the 2nd byte or subsequent bytes.
The slave address of the S-35710M is specified to "0110010". The data can be written to the wake-up time register
when read / write bit is "0", and the data of the wake-up time register or the time register can be read when read / write
bit is "1".
When the data can be written to the wake-up time register, input the data from the master device in order of B7 to B0.
The acknowledge ("L") is output from the S-35710M whenever a 1-byte data is input.
When the data of the wake-up time register or the time register can be read, the data from the S-35710M is output in
order of B7 to B0 in byte unit. Input the acknowledge ("L") from the master device whenever a 1-byte data is input.
However, do not input the acknowledge for the last data byte (NO_ACK). By this, the end of the data read is informed.
After the master device receives / transmits the acknowledge for the last data byte, input the stop condition to the
S-35710M to finish the access operation.
When the master device inputs start condition without inputting stop condition at this time, the S-35710M becomes
restart condition, and can transmit / receive the data continuously if the master device inputs the slave address
continuously.
A
: Master device input data
: S-35710M output data
Slave address
Slave address
Slave address
Data
Data
Data
Data
A
A
A
A
0
B7
B1
B7
B0
B7
B0
B7
B0
B7
B0
SP
ST
A
Data
Data
Data
A
A
A
1
B7
B0
B7
B0
B7
B0
A
Data
Data
Data
Data
A
A
A
A
0
B7
B0
B7
B0
B7
B0
B7
B0
A
Slave address
Data
Data
Data
A
A
A
1
B7
B1 R/W B7
B0
B7
B0
B7
B0
SP
ST
ST
ST
B7
B1
B7
B1
SP
A
: Start condition
: Acknowledge
A A
: Stop condition
ST
SP
R/W
R/W
R/W
1
9
18
27
36
45
Data write
format
Data read
format
Restart format
SCL
SDA
SDA
SDA
Figure 17 Data Transmission Format of Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com