Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FU008-A-R-SD-1.0 Datasheet(PDF) 24 Page - ABLIC Inc.

Part # FU008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 Datasheet(HTML) 24 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 20Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 24Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 25Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 26Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 27Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 28Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
S-35710M
Rev.1.1_00
24
Characteristics (Typical Data)
1. Current consumption 1 vs. Power supply voltage characteristics
2. Current consumption 2 vs. SCL frequency characteristics
Ta =
+25°C
Ta =
+25°C
6
0
1.0
0.8
0.6
0.4
0.2
4
2
0
VDD [V]
1500
0
600
1000
500
0
SCL frequency [kHz]
300
200
100
400
500
VDD = 5.0 V
VDD = 3.0 V
3. Current consumption 1 vs. Temperature characteristics
4. Oscillation frequency vs.
Power supply voltage characteristics
Ta =
+25°C
0.8
Ta [
°C]
0.6
0.4
0.2
VDD = 5.0 V
VDD = 3.0 V
−40 −25
0
25
50
75 85
0
6
−10
30
20
10
0
4
2
0
VDD [V]
5. Oscillation frequency vs. Temperature characteristics
6. Low level output current vs. Output voltage characteristics
INT pin, SDA pin, Ta =
+25°C
50
−200
−50
−150
Ta [
°C]
0
−100
−40 −25
0
25
50
75 85
6
0
70
4
2
0
VOUT [V]
60
50
40
30
20
10
VDD = 5.0 V
VDD = 3.0 V
7. High level output current vs. VDD
− VOUT characteristics
8. Low level input current vs. Power supply voltage characteristics
INT pin, Ta = +25°C
RST
_______
pin, Ta =
+25°C
6
−25
0
4
2
0
VDD
− VOUT [V]
−5
−10
−15
−20
VDD = 3.0 V
VDD = 5.0 V
−60
0
4
2
0
−30
−40
−50
−20
−10
VDD [V]
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com