Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FU008-A-R-SD-1.0 Datasheet(PDF) 20 Page - ABLIC Inc.

Part # FU008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 Datasheet(HTML) 20 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 16Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 17Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 18Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 19Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 20Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 24Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
S-35710M
Rev.1.1_00
20
2. When power supply voltage is raised at RST
_______
pin = "H"
Set the RST
_______
pin to "L" after the power supply voltage reaches 1.8 V or higher. If the RST
_______
pin is set to "L" for 500 ms
or longer, the oscillation start signal becomes "H", and the crystal oscillation circuit normally oscillates. After that, if the
RST
_______
pin is set to "H", the oscillation start signal becomes "L" within 500 ms, and the oscillation status is maintained.
The current consumption increases by 30
μA typ. while the RST
_______
pin is set to "L".
10 ms
0V*1
1.8 V
0.2 V or lower
RST pin input
Oscillation start signal
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35710M.
Figure 24 When Power Supply Voltage is Raised at RST
_______
Pin = "H"
The RST
_______
pin has a built-in chattering elimination circuit. To determine the RST
_______
pin "H" input, perform communication
subsequent to setting the interval of 3.5 periods (0.438 seconds) of clock (8 Hz) or longer after the RST
_______
pin changes
from "L" to "H".
Regarding the chattering elimination of the RST
_______
pin, refer to " RST
_______
Pin".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com