Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CNB Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 28Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 29Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 30Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 31Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 32Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
● Cload = 30 pF, 16 pins, Output frequency = 10 MHz
Leakage current of IO
= Σ (VOL × IOL) / Voltage + Σ ((VCC - VOH) × IOH) / Voltage
= (20 mA × 1 V) × 8 / 3.5 V + (1 mA × 0.5 V) × 12 / 3.5 V + ((VCC - (VCC - 0.5 V)) × 1 mA) × 12 / 3.5 V
= 45.7 mA + 1.71 mA + 1.71 mA
= 49.1 mA
Dynamic current of IO
= Σ IO (Cin + Cload) × IO switching frequency × Voltage
= ((8 pF × 16) × 10 MHz + (30 pF × 16) × 10 MHz) × 3.5 V
= 21.3 mA
Total power consumption
= Voltage × (Leakage current + Dynamic current)
= (80 mA × 3.5 V) + (49.1 mA + 21.3 mA) × 3.5 V
= 526 mW (0.526 W)
Tj
= Ta + θja × Total power consumption
= 100 °C + 36.0 °C/W × 0.526W
= 118.9 °C
2.3
AC Characteristics
2.3.1
Frequency
Table 2.14
Operation frequency value in high-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)
f
—
—
240
MHz
Peripheral module clock (PCLKA)
—
—
120
Peripheral module clock (PCLKB)
—
—
60
Peripheral module clock (PCLKC)
—*2
—
60
Peripheral module clock (PCLKD)
—
—
120
Flash interface clock (FCLK)
—*1
—
60
Note 1. FCLK must run at a frequency of at least 4 MHz when programming or erasing the flash memory.
Note 2. When the ADC is used, the PCLKC frequency must be at least 1 MHz.
Table 2.15
Operation frequency value in low-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)
f
—
—
1
MHz
Peripheral module clock (PCLKA)
—
—
1
Peripheral module clock (PCLKB)
—
—
1
Peripheral module clock (PCLKC) *2
—*2
—
1
Peripheral module clock (PCLKD)
—
—
1
Flash interface clock (FCLK)*1
—
—
1
Note 1. Programming or erasing the flash memory is disabled in low-speed mode.
Note 2. When the ADC is used, the PCLKC frequency must be set to at least 1 MHz.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 29 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com