Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CNB Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 28Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 29Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 30Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 31Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Table 2.13
Outline of operation for each unit (2 of 2)
Peripheral
Outline of operation
POEG
Only clear module stop bit.
AGT
AGT is operating with PCLKB.
WDT
WDT is operating with PCLKB.
IWDT
IWDT is operating with IWDTCLK.
SCI
SCI is transmitting data in clock synchronous mode.
IIC
Communication format is set to I2C-bus format.
IIC is transmitting data in master mode.
CANFD
CANFD is transmitting and receiving data in self-test mode 1.
SPI
SPI mode is set to SPI operation (4-wire method).
SPI master/slave mode is set to master mode.
SPI is transmitting 8-bit width data.
TFU
Performs sincos operations.
IIRFA
Channel 0 perfoms 32 stages of channel processing.
DOC
DOC is operating in data addition mode.
CRC
CRC is generating CRC code using 32-bit CRC32-C polynomial.
ADC
Resolution is set to 12-bit accuracy.
Conversion Data Operation Control B Register is set to 16 times average mode.
ADC is converting the analog input in continuous scan mode.
ADC is operating with PCLKC.
DAC12
DAC12 is outputting the conversion result while updating the value of data register.
ACMPHS
Compare between IVCMP2 and IVREF0 and enable compare output.
TSN
TSN is operating.
ELC
Only clear module stop bit.
SCE5
SCE5 is executing built-in self test.
DMAC
Bit length of transfer data is set to 32 bits.
Transfer mode is set to block transfer mode.
DMAC is transferring data from SRAM0 to SRAM0.
DTC
Bit length of transfer data is set to 32 bits.
Transfer mode is set to block transfer mode.
DTC is transferring data from SRAM0 to SRAM0.
CAC
Measurement target clocks is set to PCLKB.
Measurement reference clocks is set to PCLKB.
CAC is measuring the clock frequency accuracy.
KINT
Only clear module stop bit.
2.2.7.2
Example of Tj calculation
Assumption:
● Package 100-pin LQFP: θja = 36.0 °C/W
● Ta = 100 °C
● ICCmax = 80 mA
● VCC = 3.5 V (VCC = AVCC0)
● IOH = 1 mA, VOH = VCC – 0.5 V, 12 Outputs
● IOL = 20 mA, VOL = 1.0 V, 8 Outputs
● IOL = 1 mA, VOL = 0.5 V, 12 Outputs
● Cin = 8 pF, 16 pins, Input frequency = 10 MHz
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 28 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com