Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CNB Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 71Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 73Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 74Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 75Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 76Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 77Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
VCC
RES
Boundary scan
execute
tBSSTUP
(=
tRESWP)
Figure 2.60
Boundary scan circuit startup timing
2.13
Joint Test Action Group (JTAG)
Table 2.49
JTAG
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
TCK clock cycle time
tTCKcyc
40
—
—
ns
Figure 2.61
TCK clock high pulse width
tTCKH
15
—
—
ns
TCK clock low pulse width
tTCKL
15
—
—
ns
TCK clock rise time
tTCKr
—
—
5
ns
TCK clock fall time
tTCKf
—
—
5
ns
TMS setup time
tTMSS
8
—
—
ns
Figure 2.62
TMS hold time
tTMSH
8
—
—
ns
TDI setup time
tTDIS
8
—
—
ns
TDI hold time
tTDIH
8
—
—
ns
TDO data delay time
tTDOD
—
—
20
ns
TCK
tTCKH
tTCKcyc
tTCKL
tTCKf
tTCKr
Figure 2.61
JTAG TCK timing
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 74 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com