Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CNB Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 74Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 75Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 76Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 77Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 78Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 79Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 80Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 81Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Appendix 1.
Port States in Each Processing Mode
Function
Pin function
Reset
Software Standby mode
Deep Software
Standby mode
After Deep Software Standby mode is
canceled (return to startup mode)
IOKEEP = 0
IOKEEP = 1*1
Mode
MD
Pull-up
Keep-O
Keep
Hi-Z
Keep
JTAG
TCK/TMS/TDI
Pull-up
Keep-O
Keep
Hi-Z
Keep
TDO
TDO output
Keep-O
Keep
TDO output
Keep
Trace
TCLK/TDATAx
Hi-Z
Keep-O
Keep
Hi-Z
Keep
IRQ
IRQx
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
IRQx-DS
Hi-Z
Keep-O*2
Keep*3
Hi-Z
Keep
KINT
KRxx
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
AGT
AGTIOn
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
IIC
SCLn/SDAn
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
CLKOUT
CLKOUT
Hi-Z
[CLKOUT selected]
CLKOUT output
Keep
Hi-Z
Keep
ACMPHS
VCOUT, CMPOUTm,
CMPOUT012
Hi-Z
Hi-Z (Keep-O)
Hi-Z (Keep-O)
Hi-Z
Keep
IVREFn
Hi-Z
Hi-Z (Keep-O)
Hi-Z (Keep-O)
Hi-Z
Hi-Z
IVCMPmn
Hi-Z
Hi-Z (Keep-O)
Hi-Z (Keep-O)
Hi-Z
Hi-Z
DAC12
DAn
Hi-Z
[DAn output (DAOE = 1)]
D/A output retained
Keep
Hi-Z
Keep
ADC
ANxxx
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
PGAINn
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
PGAVSSn
Pull-up*4
Pull-up*5 / Keep
Pull-up*5 / Keep
Pull-up*5 / Keep
Pull-up*5 / Keep
PGAOUTn
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Others
—
Hi-Z
Keep-O
Keep
Hi-Z
Keep
Note:
H: High-level
L: Low-level
Hi-Z: High-impedance
Keep-O: Output pins retain their previous values. Input pins go to high-impedance.
Keep: Pin states are retained during periods in Software Standby mode.
Note 1. Retains the I/O port state until the DPSBYCR.IOKEEP bit is cleared to 0.
Note 2. Input is enabled if the pin is specified as the Software Standby canceling source while it is used as an external interrupt pin.
Note 3. Input is enabled if the pin is specified as the Deep Software Standby canceling source.
Note 4. The built-in pull-up is turned on to protect the circuit from negative potential inputs.
Note 5. Regardless of whether the PGA is enabled or disabled, when the PGA is set to pseudo-differential mode, the built in pull-up is
turned on to protect the circuit from negative potential inputs. To turn off the built-in pull-up, turn off the PGA's pseudo-differential
mode and set it to single mode.
RA6T2 Datasheet
Appendix 1. Port States in Each Processing Mode
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 78 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com